Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0037 Datasheet(PDF) 15 Page - IXYS Corporation

Part # IXDN0037
Description  Non-Dimmable Fluorescent Ballast
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0037 Datasheet(HTML) 15 Page - IXYS Corporation

Back Button IXDN0037 Datasheet HTML 11Page - IXYS Corporation IXDN0037 Datasheet HTML 12Page - IXYS Corporation IXDN0037 Datasheet HTML 13Page - IXYS Corporation IXDN0037 Datasheet HTML 14Page - IXYS Corporation IXDN0037 Datasheet HTML 15Page - IXYS Corporation IXDN0037 Datasheet HTML 16Page - IXYS Corporation IXDN0037 Datasheet HTML 17Page - IXYS Corporation IXDN0037 Datasheet HTML 18Page - IXYS Corporation IXDN0037 Datasheet HTML 19Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
-14
Ballast Demonstrator User Guide
7629A–AVR–04/06
If lamp currents exceed power limits by 10% (as determined by lamp type), set half-
bridge drive off due to over current. Start re-ignition sequence. Repeat 6 times and if still
out of spec, shutdown PFC and half-bridge drive.
PD6 rectified AC drive
Checks are made for the presence of the rectified mains (haversine) and bus voltage
throughout normal operation. Mains voltage < 90 VAC or 265 VAC peak faults the PFC
to off, turns off the half-bridge and initiates a restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com