Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADIS16228
Rev. B | Page 25 of 28
SELF-TEST
Set GLOB_CMD[2] = 1 (DIN = 0xBE02) (see Table 64) to run
an automatic self-test routine, which reports a pass/fail result to
DIAG_STAT[5] (see Table 65).
FLASH MEMORY MANAGEMENT
Set GLOB_CMD[5] = 1 (DIN = 0xBE20) to run an internal
checksum test on the flash memory, which reports a pass/fail
result to DIAG_STAT[6]. The FLASH_CNT register (see Table 68)
provides a running count of flash memory write cycles. This is a
tool for managing the endurance of the flash memory. Figure 23
quantifies the relationship between data retention and junction
temperature.
Table 68. FLASH_CNT (Base Address = 0x00), Read Only
Bits
Description
[15:0]
Binary counter for writing to flash memory
600
450
300
150
0
30
40
JUNCTION TEMPERATURE (°C)
55
70
85
100
125
135
150
Figure 23. Flash®/EE Memory Data Retention
DEVICE IDENTIFICATION
Table 69. LOT_ID1 (Base Address = 0x52), Read Only
Bits
Description
[15:0]
Lot identification code
Table 70. LOT_ID2 (Base Address = 0x54), Read Only
Bits
Description
[15:0]
Lot identification code
Table 71. PROD_ID (Base Address = 0x56), Read Only
Bits
Description (Default = 0x3F64)
[15:0]
0x3F64 = 16,228
Table 72. SERIAL_NUM (Base Address = 0x58), Read Only
Bits
Description
[15:0]
Serial number, lot specific
Table 73 shows a blank register that is available for writing user-
specific identification.
Table 73. USER_ID (Base Address = 0x5C), Read/Write
Bits
Description (Default = 0x000)
[15:0]
User-written identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com