Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADIS16228
Data Sheet
Rev. B | Page 14 of 28
DYNAMIC RANGE/SENSITIVITY
The range of the ADIS16228 accelerometers depends on the
frequency of the vibration. The accelerometers have a self-
resonant frequency of 5.5 kHz, and the signal conditioning
circuit applies a single-pole, low-pass filter (2.5 kHz) to the
response. The self-resonant behavior of the accelerometer
influences the relationship between vibration frequency and
dynamic range, as shown in Figure 16, which displays the
response to peak input amplitudes, assuming a sinusoidal
vibration signature at each frequency. The accelerometer
resonance and low-pass filter also influence the magnitude
response, as shown in Figure 17.
Frequency Response Correction
The CAL_ENABLE register provides an on/off control bit for
a magnitude/frequency correction that extends the flatness
(5%) of this response up to 5 kHz. Set CAL_ENABLE[4] = 1
(DIN = 0xFA10) to enable this function, which produces a
magnitude/frequency response like the one that is shown in
Figure 18. Set CAL_ENABLE[4] = 0 to remove this correction,
and use a response that reflects the curve that is shown in
Figure 17. Note that this operation does not expand the dynamic
range of the sensor, but it can simplify the process of setting
spectral alarm limits and any other postprocessing routines.
Table 13. CAL_ENABLE (Base Address = 0x7A), Read/Write
Bits
Description (Default = 0x00FF)
[15:5]
Not used (don’t care)
4
Frequency/flatness calibration enable
1 = enable (see Figure 18)
0 = disable (see Figure 17)
[3:0]
Not used (don’t care)
20
0
2
4
6
8
10
12
14
16
18
1000
2000
4000
5000
6000
FREQUENCY (Hz)
2g PEAK RESPONSE
14g PEAK RESPONSE
16g PEAK RESPONSE
18g PEAK RESPONSE
Figure 16. Peak Magnitude vs. Frequency
100
1000
5000
MEAN
FREQUENCY (Hz)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
–3σ
+3σ
Figure 17. Magnitude/Frequency Response (CAL_ENABLE[4] = 0)
100
1000
5000
MEAN
FREQUENCY (Hz)
0.9
1.0
1.1
–3σ
+3σ
Figure 18. Magnitude/Frequency Response (CAL_ENABLE[4] = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com