Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADIS16228
Rev. B | Page 17 of 28
SPECTRAL ALARMS
The alarm function offers six spectral bands for alarm detection.
Each spectral band has high and low frequency definitions,
along with two different trigger thresholds (Alarm 1 and Alarm 2)
for each accelerometer axis. Table 25 provides a summary of
each register used to configure the alarm function.
Table 25. Alarm Function Register Summary
Register
Address
Description
ALM_F_LOW
0x20
Alarm frequency band, lower limit
ALM_F_HIGH
0x22
Alarm frequency band, upper limit
ALM_X_MAG1
0x24
X-Axis AlarmTrigger Level 1 (warning)
ALM_Y_MAG1
0x26
Y-Axis Alarm Trigger Level 1 (warning)
ALM_Z_MAG1
0x28
Z-Axis Alarm Trigger Level 1 (warning)
ALM_X_MAG2
0x2A
X-Axis Alarm Trigger Level 2 (fault)
ALM_Y_MAG2
0x2C
Y-Axis Alarm Trigger Level 2 (fault)
ALM_Z_MAG2
0x2E
Z-Axis Alarm Trigger Level 2 (fault)
ALM_PNTR
0x30
Alarm pointer
ALM_S_MAG
0x32
System alarm trigger level
ALM_CTRL
0x34
Alarm configuration
DIAG_STAT
0x3C
Alarm status
ALM_X_STAT
0x40
X-axis alarm status
ALM_Y_STAT
0x42
Y-axis alarm status
ALM_Z_STAT
0x44
Z-axis alarm status
ALM_X_PEAK
0x46
X-axis alarm peak
ALM_Y_PEAK
0x48
Y-axis alarm peak
ALM_Z_PEAK
0x4A
Z-axis alarm peak
ALM_X_FREQ
0x70
X-axis alarm frequency of peak alarm
ALM_Y_FREQ
0x72
Y-axis alarm frequency of peak alarm
ALM_Z_FREQ
0x74
Z-axis alarm frequency of peak alarm
The ALM_CTRL register (see Table 26) provides control bits
that enable the spectral alarms of each axis, configures the system
alarm, sets the record delay for the spectral alarms, and configures
the clearing function for the DIAG_STAT error flags (see Table 65).
Table 26. ALM_CTRL (Base Address = 0x34), Read/Write
Bits
Description (Default = 0x0080)
[15:12]
Not used.
[11:8]
Response delay; range = 0 to 15. Represents the number
of spectral records for each spectral alarm before a
spectral alarm flag is set high.
7
Latch DIAG_STAT error flags. Requires a clear status
command (GLOB_CMD[4]) to reset the flags to 0.
1 = enabled, 0 = disabled.
6
Enable DIO1 as an Alarm 1 output indicator and enable
DIO2 as an Alarm 2 output indicator. 1 = enabled.
5
System alarm comparison polarity.
1 = trigger when less than ALM_S_MAG[11:0].
0 = trigger when greater than ALM_S_MAG[11:0].
4
System alarm. 1 = temperature, 0 = power supply.
3
Alarm S enable (ALM_S_MAG). 1 = enabled, 0 = disabled.
2
Alarm Z enable (ALM_Z_MAG). 1 = enabled, 0 = disabled.
1
Alarm Y enable (ALM_Y_MAG). 1 = enabled, 0 = disabled.
0
Alarm X enable (ALM_X_MAG). 1 = enabled, 0 = disabled.
ALARM DEFINITION
The alarm function provides six programmable spectral bands,
as shown in Figure 19. Each spectral alarm band has lower and
upper frequency definitions for all of the sample rate options
(SRx). It also has two independent trigger level settings, which
are useful for systems that value warning and fault condition
indicators.
FREQUENCY
1
2
3
4
5
6
ALM_F_HIGH
ALM_F_LOW
ALM_x_MAG1
ALM_x_MAG2
Figure 19. Spectral Band Alarm Setting Example, ALM_PNTR = 0x03
Select the spectral band for configuration by writing its number
(1 to 6) to ALM_PNTR[2:0] (see Table 27). Then select the sample
rate option using ALM_PNTR[9:8]. This number represents a
binary number, which corresponds to the x in the SRx sample
rates option associated with REC_CTRL1[11:8] (see Table 9).
For example, set ALM_PNTR[7:0] = 0x05 (DIN = 0xB005) to
select Alarm Spectral Band 5, and set ALM_PNTR[15:8] = 0x02
(DIN = 0xB102) to select the SR2 sample rate option.
Table 27. ALM_PNTR (Base Address = 0x30), Read/Write
Bits
Description (Default = 0x0000)
[15:10]
Not used
[9:8]
Sample rate option; range = 0 to 3 for SR0 to SR3
[7:3]
Not used
[2:0]
Spectral band number; range = 1 to 6
Alarm Band Frequency Definitions
After the spectral band and sample rate settings are set, program
the lower and upper frequency boundaries by writing their bin
numbers to the ALM_F_LOW register (see Table 28) and
ALM_F_HIGH register (see Table 29). Use the bin width
definitions listed in Table 12 to convert a frequency into a bin
number for this definition. Calculate the bin number by dividing
the frequency by the bin width that is associated with the sample
rate setting. For example, if the sample rate is 5120 Hz and the
lower band frequency is 400 Hz, divide that number by the bin
width of 10 Hz to arrive at the 40th bin as the lower band setting.
Then set ALM_F_LOW[7:0] = 0x28 (DIN = 0xA028) to establish
400 Hz as the lower frequency for the 5120 SPS sample rate setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com