Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16228/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Digital Triaxial Vibration Sensor
with FFT Analysis and Storage
Data Sheet
ADIS16228
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Frequency domain triaxial vibration sensor
Flat frequency response up to 5 kHz
Digital acceleration data, ±18 g measurement range
Digital range settings: 0 g to 1 g/5 g/10 g/20 g
Real-time sample mode: 20.48 kSPS, single-axis
Capture sample modes: 20.48 kSPS, three axes
Trigger modes: SPI, timer, external
Programmable decimation filter, 11 rate settings
Multirecord capture for selected filter settings
Manual capture mode for time domain data collection
FFT, 512-point, real valued, all three axes (x, y, z)
3 windowing options: rectangular, Hanning, flat top
Programmable FFT averaging: up to 255 averages
Storage: 14 FFT records on all three axes (x, y, z)
Programmable alarms, 6 spectral bands
2-level settings for warning and fault definition
Adjustable response delay to reduce false alarms
Internal self-test with status flags
Digital temperature and power supply measurements
2 auxiliary digital I/Os
SPI-compatible serial interface
Identification registers: serial number, device ID, user ID
Single-supply operation: 3.0 V to 3.6 V
Operating temperature range: −40°C to +125°C
15 mm × 24 mm × 15 mm aluminum package, flex connector
APPLICATIONS
Vibration analysis
Condition monitoring
Machine health
Instrumentation, diagnostics
Safety shutoff sensing
GENERAL DESCRIPTION
The ADIS16228 iSensor® is a complete vibration sensing system
that combines triaxial acceleration sensing with advanced time
domain and frequency domain signal processing. Time domain
signal processing includes a programmable decimation filter
and selectable windowing function. Frequency domain processing
includes a 512-point, real-valued FFT for each axis, along with
FFT averaging, which reduces the noise floor variation for finer
resolution. The 14-record FFT storage system offers users the
ability to track changes over time and capture FFTs with multiple
decimation filter settings.
The 20.48 kSPS sample rate and 5 kHz flat frequency band
provide a frequency response that is suitable for many machine
health applications. The aluminum core provides excellent
mechanical coupling to the MEMS acceleration sensors. An
internal clock drives the data sampling and signal processing
system during all operations, which eliminates the need for an
external clock source. The data capture function has three modes
that offer several options to meet the needs of many different
applications. In addition, real-time mode provides direct access
to streaming data on one axis. The SPI and data buffer structure
provide convenient access to data output. The ADIS16228 also
offers a digital temperature sensor and digital power supply
measurements.
The ADIS16228 is available in a 15 mm × 24 mm × 15 mm module
with flanges, machine screw holes (M2 or 2-56), and a flexible
connector that enables simple user interface and installation. It
has an extended operating temperature range of −40°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
ADIS16228
RECORD
STORAGE
ALARMS
INPUT/
OUTPUT
CONTROLLER
ADC
TRIAXIAL
MEMS
SENSOR
TEMP
SENSOR
SUPPLY
POWER
MANAGEMENT
CS
SCLK
DIN
DOUT
GND
VDD
RST
DIO1
CONTROL
REGISTERS
SPI
PORT
OUTPUT
REGISTERS
FILTER
WINDOW
FFT
CAPTURE
BUFFER
DIO2
Figure 1.


Similar Part No. - ADIS16228/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16228 AD-ADIS16228 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16228PCBZ AD-ADIS16228PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16228/PCBZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
logo
Analog Devices
ADIS16227 AD-ADIS16227_15 Datasheet
491Kb / 24P
Digital Triaxial Vibration Sensor with FFT Analysis and Storage
REV. B
logo
Bosch Sensortec GmbH
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
Digital, triaxial acceleration sensor
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
Digital, triaxial acceleration sensor
logo
Analog Devices
ADCMXL3021 AD-ADCMXL3021 Datasheet
769Kb / 50P
Wide Bandwidth, Low Noise, Triaxial Vibration Sensor
3/2019-Revision 0
ADCMXL3021 AD-ADCMXL3021_V01 Datasheet
877Kb / 50P
Wide Bandwidth, Low Noise, Triaxial Vibration Sensor
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com