Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16228/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADIS16228
Rev. B | Page 3 of 28
SPECIFICATIONS
TA = −40°C to +125°C, VDD = 3.3 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ACCELEROMETERS
Measurement Range1
TA = 25°C
±18
g
Sensitivity, FFT
TA = 25°C, 0 g to 20 g range setting
0.3052
mg/LSB
Sensitivity, Time Domain
TA = 25°C
0.6104
mg/LSB
Sensitivity Error
TA = 25°C
±6
%
Nonlinearity
With respect to full scale
±0.2
±1.25
%
Cross-Axis Sensitivity
2.6
%
Alignment Error
With respect to package
1.5
Degrees
Offset Error
TA = 25°C
±1
g
Offset Temperature Coefficient
1
mg/°C
Output Noise
TA = 25°C, 20.48 kHz sample rate, time domain
12
mg rms
Output Noise Density
TA = 25°C, 10 Hz to 1 kHz
0.248
mg/√Hz
Bandwidth
±5% flatness,2 CAL_ENABLE[4] = 0, see Figure 17
840
Hz
±5% flatness,2 CAL_ENABLE[4] = 1, see Figure 18
5000
Hz
Sensor Resonant Frequency
5.5
kHz
LOGIC INPUTS3
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
Logic 1 Input Current, IINH
VIH = 3.3 V
±0.2
±1
µA
Logic 0 Input Current, IINL
VIL = 0 V
All Except RST
−40
−60
µA
RST
−1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS3
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
FLASH MEMORY
Endurance4
10,000
Cycles
Data Retention5
TJ = 85°C, see Figure 23
20
Years
START-UP TIME6
Initial Startup
202
ms
Reset Recovery7
RST pulse low or GLOB_CMD[7] = 1
54
ms
Sleep Mode Recovery
2.3
ms
CONVERSION RATE
REC_CTRL1[11:8] = 0x1 (SR0 sample rate selection)
20.48
kSPS
Clock Accuracy
3
%
POWER SUPPLY
Operating voltage range, VDD
3.0
3.3
3.6
V
Power Supply Current
Record mode, TA = 25°C
40
48
mA
Sleep mode, TA = 25°C
230
µA
1
The maximum range depends on the frequency of vibration.
2
Assumes that frequency flatness calibration is enabled.
3
The digital I/O signals are 5 V tolerant.
4
Endurance is qualified as per JEDEC Standard 22, Method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
5
Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22, Method A117. Retention lifetime depends on junction temperature.
6
The start-up times presented reflect the time it takes for data collection to begin.
7
The RST pin must be held low for at least 15 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com