Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADIS16228
Data Sheet
Rev. B | Page 8 of 28
BASIC OPERATION
The ADIS16228 uses a SPI for communication, which enables
a simple connection with a compatible, embedded processor
platform, as shown in Figure 8. The factory default configuration
for DIO1 provides a busy indicator signal that transitions low
when an event completes and data is available for user access.
Use the DIO_CTRL register (see Table 66) to reconfigure DIO1
and DIO2, if necessary.
SYSTEM
PROCESSOR
SPI MASTER
ADIS16228
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
3.3V
IRQ2
IRQ1
DIO2
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V OR 5V LOGIC LEVELS
14
13
11
12
7
DIO1
15
1
2
3
4
5
8
Figure 8. Electrical Hook-Up Diagram
Table 6. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select
SCLK
Serial clock
MOSI
Master output, slave input
MISO
Master input, slave output
IRQ1, IRQ2
Interrupt request inputs (optional)
The ADIS16228 SPI interface supports full duplex serial
communication (simultaneous transmit and receive) and uses
the bit sequence shown in Figure 12. Table 7 provides a list of
the most common settings that require attention to initialize
a processor serial port for the ADIS16228 SPI interface.
Table 7. Generic Master Processor SPI Settings
Processor Setting
Description
Master
The ADIS16228 operates as a slave.
SCLK Rate ≤ 2.5 MHz
Bit rate setting.
SPI Mode 3
Clock polarity/phase
(CPOL = 1, CPHA = 1).
MSB First
Bit sequence.
16-Bit
Shift register/data length.
Table 8 provides a list of user registers with their lower byte
addresses. Each register consists of two bytes that each has its own
unique 7-bit address. Figure 9 relates the bits of each register to
their upper and lower addresses.
UPPER BYTE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LOWER BYTE
Figure 9. Generic Register Bit Definitions
SPI WRITE COMMANDS
User control registers govern many internal operations. The
DIN bit sequence in Figure 12 provides the ability to write to
these registers, one byte at a time. Some configuration changes
and functions require only one write cycle. For example, set
GLOB_CMD[11] = 1 (DIN = 0xBF08) to start a manual capture
sequence. The manual capture starts immediately after the last bit
clocks into DIN (16th SCLK rising edge). Other configurations may
require writing to both bytes.
CS
DIN
SCLK
Figure 10. SPI Sequence for Manual Capture Start (DIN = 0xBF08)
SPI READ COMMANDS
A single register read requires two 16-bit SPI cycles that also
use the bit assignments that are shown in Figure 12. The first
sequence sets R/W = 0 and communicates the target address
(Bits[A6:A0]). Bits[D7:D0] are don’t care bits for a read DIN
sequence. DOUT clocks out the requested register contents
during the second sequence. The second sequence can also use
DIN to set up the next read. Figure 11 provides a signal diagram
for all four SPI signals while reading the PROD_ID. In this
diagram, DIN = 0x5600 and DOUT reflects the decimal
equivalent of 16,228.
DOUT = 0011 1111 0110 0100 = 0x3F64 = 16,228 = PROD_ID
SCLK
CS
DIN
DOUT
Figure 11. Example SPI Read, PROD_ID, Second Sequence
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
NOTES
1. DOUT BITS ARE BASED ON THE PREVIOUS 16-BIT SEQUENCE (R/W = 0).
CS
SCLK
DIN
DOUT
A6
A5
DB13
DB14
DB15
Figure 12. Example SPI Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com