Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADIS16228
Data Sheet
Rev. B | Page 20 of 28
READING OUTPUT DATA
The ADIS16228 samples, processes, and stores vibration data
from three axes (x, y, and z) into the data buffer and FFT
records (if selected). In manual time capture mode, the record
for each axis contains 512 samples. In manual and automatic FFT
mode, each record contains the 256-point FFT result for each
accelerometer axis. Table 46 provides a summary of registers that
provide access to processed sensor data.
Table 46. Output Data Registers
Register
Address
Description
TEMP_OUT
0x08
Internal temperature
SUPPLY_OUT
0x0A
Internal power supply
BUF_PNTR
0x10
Data buffer index pointer
REC_PNTR
0x12
FFT record index pointer
X_BUF
0x14
X-axis accelerometer buffer
Y_BUF
0x16
Y- axis accelerometer buffer
Z_BUF
0x18
Z- axis accelerometer buffer
GLOB_CMD
0x3E
FFT record retrieve command
TIME_STAMP_L
0x4C
Time stamp, lower word
TIME_STAMP_H
0x4E
Time stamp, upper word
REC_INFO1
0x6E
FFT record header information
REC_INFO2
0x76
FFT record header information
READING DATA FROM THE DATA BUFFER
After completing a spectral record and updating each data
buffer, the ADIS16228 loads the first data sample from each
data buffer into the x_BUF registers (see Table 49, Table 50, and
Table 51) and sets the buffer index pointer in the BUF_PNTR
register (see Table 47) to 0x0000. The index pointer determines
which data samples load into the x_BUF registers. For example,
writing 0x009F to the BUF_PNTR register (DIN = 0x9100,
DIN = 0x909F) causes the 160th sample in each data buffer
location to load into the x_BUF registers. The index pointer
increments with every x_BUF read command, which causes the
next set of capture data to load into each capture buffer register
automatically. This enables an efficient method for reading all
256 samples in a record, using sequential read commands,
without having to manipulate the BUF_PNTR register.
Z_BUF
256/512
INTERNAL SAMPLING SYSTEM SAMPLES, PROCESSES, AND
STORES DATA IN DATA BUFFERS.
0
Y_BUF
TEMP_OUT
SUPPLY_OUT
BUF_PNTR
X-AXIS
ACCELEROMETER
DATA
BUFFER
Y-AXIS
ACCELEROMETER
DATA
BUFFER
Z-AXIS
ACCELEROMETER
DATA
BUFFER
X_BUF
DATA IN BUFFERS LOAD INTO
USER OUTPUT REGISTERS
FFT ANALYSIS
Figure 20. Data Buffer Structure and Operation
Table 47. BUF_PNTR (Base Address = 0x10), Read/Write
Bits
Description (Default = 0x0000)
[15:9]
Not used
[8:0]
Data bits; range = 0 to 255 (FFT), 0 to 511 (time)
ACCESSING FFT RECORD DATA
The FFT records can be stored in flash memory. The REC_PNTR
register (see Table 48) and GLOB_CMD[13] (see Table 64)
provide access to the FFT records, as shown in Figure 21. For
example, set REC_PNTR[7:0] = 0x0A (DIN = 0x920A) and
GLOB_CMD[13] = 1 (DIN = 0xBF20) to load FFT Record 10 in
the FFT buffer for SPI/register access.
Table 48. REC_PNTR (Base Address = 0x12), Read/Write
Bits
Description (Default = 0x0000)
[15:4]
Not used
[3:0]
Data bits
m = REC_PNTR
GLOB_CMD[13] = 1
FFT
RECORD
0
FFT
HEADER
0
X
Y
Z
FFT
RECORD
1
FFT
HEADER
1
X
Y
Z
FFT
RECORD
m
FFT
HEADER
m
X
Y
Z
DATA
BUFFER
X, Y, Z
SPI
REGISTERS
FFT
HEADER
REGISTERS
FFT
RECORD
15
FFT
HEADER
15
X
Y
Z
Figure 21. FFT Record Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com