Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADIS16228
Rev. B | Page 15 of 28
Dynamic Range Settings
REC_CTRL2 (see Table 14) provides four range settings that
are associated with each sample rate option, SRx. The range options
that are referenced in REC_CTRL2 reflect the maximum dynamic
range, which occurs at the lower part of the frequency range and
does not account for the decrease in range (see Figure 16). For
example, set REC_CTRL2[5:4] = 10 (DIN = 0x9C20) to set the
peak acceleration (AMAX) to 10 g on the SR2 sample rate option.
These settings help optimize FFT precision and sensitivity when
monitoring lower magnitude vibrations. For each range setting
in Table 14, this stage scales the time domain data so that the
maximum value equates to 215 LSBs for time domain data and
216 LSBs for frequency domain data.
Note that the maximum range for each setting is 1 LSB smaller
than the listed maximum. For example, the maximum number
of codes in the frequency domain analysis is 216 − 1, or 65,535.
For example, when using a range setting of 1 g in one of the FFT
modes, the maximum measurement is equal to 1 g times 216 − 1,
divided by 216. See Table 15 for the resolution associated with
each setting and Figure 14 for the location of this operation in
the signal flow diagram. The real-time mode automatically uses
the 20 g range setting.
Table 14. REC_CTRL2 (Base Address = 0x1C), Read/Write
Bits
Description (Default = 0x00FF)
[15:8]
Not used (don’t care)
[7:6]
Measurement range, SR3
00 = 1 g, 01 = 5 g, 10 = 10 g, 11 = 20 g
[5:4]
Measurement range, SR2
00 = 1 g, 01 = 5 g, 10 = 10 g, 11 = 20 g
[3:2]
Measurement range, SR1
00 = 1 g, 01 = 5 g, 10 = 10 g, 11 = 20 g
[1:0]
Measurement range, SR0
00 = 1 g, 01 = 5 g, 10 = 10 g, 11 = 20 g
Table 15. Range Settings and LSB Weights
Range Setting (g)
(REC_CTRL2[5:4])
Time Mode
(mg/LSB)
FFT Mode
(mg/LSB)
0 to 1
0.0305
0.0153
0 to 5
0.1526
0.0763
0 to 10
0.3052
0.1526
0 to 20
0.6104
0.3052
Scale Adjustment
The x_SENS registers (see Table 16, Table 17, and Table 18)
provide a fine-scale adjustment function for each axis. The
following equation describes how to use measured and ideal
values to calculate the scale factor for each register in LSBs:
SCFx =


− 1
XM
XI
a
a
× 218
where:
XI
a
is the ideal x-axis value.
XM
a
is the actual x-axis measurement.
These registers contain correction factors, which come from the
factory calibration process. The calibration process records
accelerometer output in four different orientations and
computes the correction factors for each register.
These registers also provide write access for in-system adjust-
ment. Gravity provides a common stimulus for this type of
correction process. Use both +1 g and −1 g orientations to reduce
the effect of offset on this measurement. In this case, the ideal
measurement is 2 g, and the measured value is the difference of
the accelerometer measurements at +1 g and −1 g orientations.
The factory-programmed values are stored in flash memory and
are restored by setting GLOB_CMD[3] = 1 (DIN = 0xBE04)
(see Table 64).
Table 16. X_SENS (Base Address = 0x02), Read/Write
Bits
Description (Default = N/A)
[15:0]
X-axis scale correction factor (SCFx), twos complement
Table 17. Y_SENS (Base Address = 0x04), Read/Write
Bits
Description (Default = N/A)
[15:0]
Y-axis scale correction factor (SCFy), twos complement
Table 18. Z_SENS (Base Address = 0x06), Read/Write
Bits
Description (Default = N/A)
[15:0]
Z-axis scale correction factor (SCFz), twos complement
PRE-FFT WINDOWING
REC_CTRL1[13:12] provide three options for pre-FFT windowing
of time data. For example, set REC_CTRL1[13:12] = 01 to use
the Hanning window, which offers the best amplitude resolution
of the peaks between frequency bins and minimal broadening
of peak amplitudes. The rectangular and flat top windows are
also available because they are common windowing options for
vibration monitoring. The flat top window provides accurate
amplitude resolution with a trade-off of broadening the peak
amplitudes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com