Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADIS16228
Data Sheet
Rev. B | Page 22 of 28
FFT EVENT HEADER
Each FFT record has an FFT header that contains information
that fills all of the registers listed in Table 58. The information
in these registers contains recording time, record configuration
settings, status/error flags, and several alarm outputs. The registers
listed in Table 58 update with every record event and also update
with record-specific information when using GLOB_CMD[13]
(see Table 64) to retrieve a data set from the FFT record in flash
memory.
Table 58. FFT Header Register Information
Register
Address
Description
DIAG_STAT
0x3C
Alarm status
ALM_X_STAT
0x40
X-axis alarm status
ALM_Y_STAT
0x42
Y-axis alarm status
ALM_Z_STAT
0x44
Z-axis alarm status
ALM_X_PEAK
0x46
X-axis alarm peak
ALM_Y_PEAK
0x48
Y-axis alarm peak
ALM_Z_PEAK
0x4A
Z-axis alarm peak
TIME_STMP_L
0x4C
Time stamp, lower word
TIME_STMP_H
0x4E
Time stamp, upper word
REC_INFO1
0x6E
FFT record header information
ALM_X_FREQ
0x70
X-axis alarm frequency of peak alarm
ALM_Y_FREQ
0x72
Y-axis alarm frequency of peak alarm
ALM_Z_FREQ
0x74
Z-axis alarm frequency of peak alarm
REC_INFO2
0x76
FFT record header information
The REC_INFO1 register (see Table 59) and the REC_INFO2
register (see Table 60) capture the settings associated with the
current FFT record.
Table 59. REC_INFO1 (Base Address = 0x6E), Read Only
Bits
Description
[15:14]
Sample rate option
00 = SR0, 01 = SR1, 10 = SR2, 11 = SR3
[13:12]
Window setting
00 = rectangular, 01 = Hanning, 10 = flat top, 11 = N/A
[11:10]
Signal range
00 = 1 g, 01 = 5 g, 10 = 10 g, 11 = 20 g
[9:8]
Not used (don’t care)
[7:0]
FFT averages; range = 1 to 255
Table 60. REC_INFO2 (Base Address = 0x76), Read Only
Bits
Description
[15:4]
Not used (don’t care)
[3:0]
AVG_CNT setting
The TIME_STMP_x registers (see Table 61 and Table 62)
provide a relative time stamp that identifies the time for the
current FFT record.
Table 61. TIME_STMP_L (Base Address = 4C), Read Only
Bits
Description (Default = 0x0000)
[15:0]
Record time stamp, low integer, binary, seconds
Table 62. TIME_STMP_H (Base Address = 0x4E), Read Only
Bits
Description (Default = 0x0000)
[15:0]
Record time stamp, high integer, binary, seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com