Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADIS16228
Rev. B | Page 23 of 28
SYSTEM TOOLS
Table 63 provides an overview of the control registers that
provide support for system-level functions.
Table 63. System Tool Register Addresses
Register Name
Address
Description
FLASH_CNT
0x00
Flash memory write cycle count
DIO_CTRL
0x36
Digital I/O configuration
GPIO_CTRL
0x38
General-purpose I/O control
DIAG_STAT
0x3C
Status/error flags
GLOB_CMD
0x3E
Global commands
LOT_ID1
0x52
Lot Identification Code 1
LOT_ID2
0x54
Lot Identification Code 2
PROD_ID
0x56
Product identification
SERIAL_NUM
0x58
Serial number
USER_ID
0x5C
User identification register
GLOBAL COMMANDS
The GLOB_CMD register (see Table 64) provides an array of
single-write commands for convenience. Setting the assigned bit
to 1 activates each function. When the function completes, the
bit restores itself to 0. For example, clear the capture buffers by
setting GLOB_CMD[8] = 1 (DIN = 0xBF01). All of the commands
in the GLOB_CMD register require that the power supply be
within normal limits for the execution times listed in Table 64.
Table 64. GLOB_CMD (Base Address = 0x3E), Write Only
Bits
Description
Execution Time
15
Clear autonull correction
35 µs
14
Retrieve spectral alarm band infor-
mation from the ALM_PNTR setting
40 µs
13
Retrieve record data from flash
memory
1.9 ms
12
Save spectral alarm band registers
to flash memory
461 µs
11
Record start/stop
N/A
10
Set BUF_PNTR = 0x0000
36 µs
9
Clear spectral alarm band
registers from flash memory
25.8 ms
8
Clear records
25.9 ms
7
Software reset
52 ms
6
Save registers to flash memory
29.3 ms
5
Flash test, compare sum of flash
memory with factory value
5 ms
4
Clear DIAG_STAT register
36 µs
3
Restore factory register settings
and clear the capture buffers
84 ms
2
Self-test, result in DIAG_STAT[5]
32.9 ms
1
Power-down
N/A
0
Autonull
822 ms
STATUS/ERROR FLAGS
The DIAG_STAT register (see Table 65) provides a number
of status/error flags that reflect the conditions observed in
a recording during SPI communication and diagnostic tests.
An error condition is indicated by a setting of 1; and all of the
error flags are sticky, which means that they remain until they
are reset by setting GLOB_CMD[4] = 1 (DIN = 0xBE10) or by
starting a new recording event. DIAG_STAT[14:8] indicates which
ALM_x_MAGx thresholds were exceeded during a recording
event. The flag in DIAG_STAT[3] indicates that the total number
of SCLK clocks is not a multiple of 16.
Table 65. DIAG_STAT (Base Address = 0x3C), Read Only
Bits
Description (Default = 0x0000)
15
Not used (don’t care)
14
System alarm flag
13
Z-axis, Spectral Alarm 2 flag
12
Y-axis, Spectral Alarm 2 flag
11
X-axis, Spectral Alarm 2 flag
10
Z-axis, Spectral Alarm 1 flag
9
Y-axis, Spectral Alarm 1 flag
8
X-axis, Spectral Alarm 1 flag
7
Data ready/busy indicator (0 = busy, 1 = data ready)
6
Flash test result, checksum flag
5
Self-test diagnostic error flag
4
Recording escape flag, indicates use of the SPI-driven
interruption command, 0xE8
3
SPI communication failure (SCLKs ≠ even multiple of 16)
2
Flash update failure
1
Power supply > 3.625 V
0
Power supply < 3.125 V
POWER-DOWN
To power down the ADIS16228, set GLOB_CMD[1] = 1 (DIN =
0xBE02). To reduce power consumption, set REC_CTRL1[7] = 1,
which automatically results in a power-down after a record is
complete. Toggle the CS line from high to low to wake up the
device and place it in an idle state, where it waits for the next
command. When DOI1 is configured as an external trigger,
toggling it can wake up the device, as well. Using DIO1 for this
purpose avoids the potential for multiple devices contending
for DOUT when waking up with the CS line approach. After
completing the record cycle, the device remains awake. Use
GLOB_CMD[1] to put it back to sleep after reading the
record data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com