Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADIS16228
Data Sheet
Rev. B | Page 26 of 28
APPLICATIONS INFORMATION
INTERFACE BOARD
The ADIS16228/PCBZ provides the ADIS16228 on a small
printed circuit board (PCB) that simplifies the connection to
an existing processor system. This PCB includes a silkscreen, for
proper placement, and four mounting holes that have threads for
M2 × 0.4 mm machine screws. The second set of mounting holes
on the interface boards are in the four corners of the PCB and
provide clearance for 4-40 machine screws. The third set of mounting
holes provides a pattern that matches the ADISUSBZ evaluation
system, using M2 × 0.4mm × 4 mm machine screws. These
boards are made of IS410 material and are 0.063 inches thick.
J1 is a 16-pin connector, in a dual row, 2 mm geometry that
enables simple connection to a 1 mm ribbon cable system. For
example, use Molex P/N 87568-1663 for the mating connector
and 3M P/N 3625/16 for the ribbon cable. For direct connection
to the ADISUSB evaluation system, use these parts to make a
16-pin cable or remove pins 13, 14, 15 and 16. See UG-363 for
more information. The LEDs (D1 and D2) are not populated,
but the pads are available to install to provide a visual
representation of the DIO1 and DIO2 signals. The pads
accommodate Chicago Miniature Lighting Part No. CMD28-
21VRC/TR8/T1, which works well when R1 and R2
are approximately 400 Ω (0603 pad sizes).
MATING CONNECTOR
The mating connector for the ADIS16228, J2, is AVX P/N
04-6288-015-000-846. Figure 25 provides a close-up view of
this connector, which clamps down on the flex cable to press its
metal pads onto the metal pads inside the mating connector.
40.6mm
2.9mm
Figure 24. PCB Assembly View and Dimensions
MATING
CONNECTOR
SLIDER
SLIDER
LOCKING
DIRECTION
ADIS16228CMLZ
FLEX CABLE
Figure 25. Mating Connector Detail
ADIS16228CMLZ PACKAGE PIN OUT
Figure 26. Electrical Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com