Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADIS16228
Data Sheet
Rev. B | Page 18 of 28
Table 28. ALM_F_LOW (Base Address = 0x20), Read/Write
Bits
Description (Default = 0x0000)
[15:8]
Not used
[7:0]
Lower frequency, bin number; range = 0 to 255
Table 29. ALM_F_HIGH (Base Address = 0x22), Read/Write
Bits
Description (Default = 0x0000)
[15:8]
Not used
[7:0]
Upper frequency, bin number; range = 0 to 255
Alarm Trigger Settings
The ALM_x_MAG1 and ALM_x_MAG2 registers (see Table 30
to Table 35) provide two independent trigger settings for all three
axes of acceleration data. They use the data format established
by the range settings in the REC_CTRL2 register (see Table 14)
and recording mode in REC_CTRL1[1:0] (see Table 9). For
example, when using the 0 g to 1 g mode for FFT analysis,
32,768 LSB is the closest setting to 500 mg. Therefore, set
ALM_Y_MAG2 = 0x8000 (DIN = 0xAD80, 0xAC00) to set the
critical alarm to 500 mg, when using the 0 g to 1 g range option
in REC_CTRL2 for FFT records. See Table 14 and Table 15 for
more information about formatting each trigger level. Note that
trigger settings that are associated with Alarm 2 should be
greater than the trigger settings for Alarm 1. In other words, the
alarm magnitude settings should meet the following criteria:
ALM_X_MAG2 > ALM_X_MAG1
ALM_Y_MAG2 > ALM_Y_MAG1
ALM_Z_MAG2 > ALM_Z_MAG1
Table 30. ALM_X_MAG1 (Base Address = 0x24), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
X-axis Alarm Trigger Level 1, 16-bit unsigned (see Table 14
and Table 15 for the scale factor)
Table 31. ALM_Y_MAG1 (Base Address = 0x26), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Y-axis Alarm Trigger Level 1, 16-bit unsigned (see Table 14
and Table 15 for the scale factor)
Table 32. ALM_Z_MAG1 (Base Address = 0x28), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Z-axis Alarm Trigger Level 1, 16-bit unsigned (see Table 14
and Table 15 for the scale factor)
Table 33. ALM_X_MAG2 (Base Address = 0x2A), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
X-axis Alarm Trigger Level 2, 16-bit unsigned (see Table 14
and Table 15 for the scale factor)
Table 34. ALM_Y_MAG2 (Base Address = 0x2C), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Y-axis Alarm Trigger Level 2, 16-bit unsigned (see Table 14
and Table 15 for the scale factor)
Table 35. ALM_Z_MAG2 (Base Address = 0x2E), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Z-axis Alarm Trigger Level 2, 16-bit unsigned (see Table 14
and Table 15 for the scale factor)
Table 36. ALM_S_MAG (Base Address = 0x32), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
System alarm trigger level, data format matches target
from ALM_CTRL[4]
Enable Alarm Settings
Before configuring the spectral alarm registers, clear their
current contents by setting GLOB_CMD[9] = 1 (DIN = 0xBF02).
After completing the spectral alarm band definitions, save
the settings by setting GLOB_CMD[12] = 1 (DIN = 0xBF10).
The device ignores the save command if any of these locations
has already been written to.
ALARM INDICATOR SIGNALS
DIO_CTRL[5:2] (see Table 66) and ALM_CTRL[6] (see
Table 26) provide controls for establishing DIO1 and DIO2 as
dedicated alarm output indicator signals. Use DIO_CTRL[5:2]
to select the alarm function for DIO1 and/or DIO2; then set
ALM_CTRL[6] = 1 to enable DIO1 to serve as an Alarm 1 indi-
cator and DIO2 as an Alarm 2 indicator. This setting establishes
DIO1 to indicate Alarm 1 (warning) conditions and DIO2 to
indicate Alarm 2 (critical) conditions.
ALARM FLAGS AND CONDITIONS
The FFT header (see Table 58) contains both generic alarm flags
(DIAG_STAT[13:8]; see Table 65) and spectral band-specific
alarm flags (ALM_x_STAT; see Table 37, Table 38, and Table 39).
The FFT header also contains magnitude (ALM_x_PEAK; see
Table 40, Table 41, and Table 42) and frequency information
(ALM_x_FREQ; see Table 43, Table 44, and Table 45) associated
with the highest magnitude of vibration content in the record.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com