Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16228/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16228/PCBZ
Description  Digital Triaxial Vibration Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16228/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16228/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16228/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADIS16228
Rev. B | Page 21 of 28
DATA FORMAT
Table 49, Table 50, and Table 51 list the bit assignments for
the x_BUF registers. The acceleration data format depends
on the range scale setting in REC_CTRL2 (see Table 14) and the
recording mode settings in REC_CTRL1 (see Table 9). Table 52
provides some data formatting examples for the FFT mode, and
Table 53 offers some data formatting examples for the16-bit,
twos complement format used in manual time mode.
Table 49. X_BUF (Base Address = 0x14), Read Only
Bits
Description (Default = 0x8000)
[15:0]
X-acceleration data buffer register.
See Table 15 for scale sensitivity.
Format = twos complement (time), binary (FFT).
Table 50. Y_BUF (Base Address = 0x16), Read Only
Bits
Description (Default = 0x8000)
[15:0]
Y-acceleration data buffer register.
See Table 15 for scale sensitivity.
Format = twos complement (time), binary (FFT).
Table 51. Z_BUF (Base Address = 0x18), Read Only
Bits
Description (Default = 0x8000)
[15:0]
Z-acceleration data buffer register.
See Table 15 for scale sensitivity.
Format = twos complement (time), binary (FFT).
Table 52. FFT Mode, 5 g Range, Data Format Examples
Acceleration (mg)
LSB
Hex
Binary
4,999.9237
65,535
0xFFFF
1111 1111 1111 1111
100 × 5 ÷ 65,536
100
0x0064
0000 0000 0110 0100
2 × 5 ÷ 65,536
2
0x0002
0000 0000 0000 0010
1 × 5 ÷ 65,536
1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
Table 53. Manual Time Mode, 5 g Range, Data Format
Examples
Acceleration (mg)
LSB
Hex
Binary
+4999.847
+32,767
0x7FFF
1111 1111 1111 1111
~1000
+6,554
0x199A
0001 0001 10011010
+2 × 5 ÷ 32,768
+2
0x0002
0000 0000 0000 0010
+1 × 5 ÷ 32,768
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−1 × 5 ÷ 32,768
−1
0xFFFF
1111 1111 1111 1111
−2 × 5 ÷ 32,768
−2
0xFFFE
1111 1111 1111 1110
~−1000
−6554
0xE666
1110 0110 0110 0110
−5000
−32,768
0x8000
1000 0000 0000 0000
REAL-TIME DATA COLLECTION
When using real-time mode, select the output channel by
reading the associated x_BUF register. For example, set DIN =
0x1600 to select the y-axis sensor for sampling. After selecting
the channel, use the data-ready signal to trigger subsequent data
reading of the Y_BUF register. In this mode, use the time domain
data formatting for a range setting of 20 g, as shown in Table 15.
POWER SUPPLY/TEMPERATURE
At the end of each spectral record, the ADIS16228 also measures
power supply and internal temperature. It accumulates a 5.12 ms
record of power supply measurements at a sample rate of 50 kHz
and takes 64 samples of internal temperature data over a period
of 1.7 ms. The average of the power supply and internal tempera-
ture loads into the SUPPLY_OUT register (see Table 54) and the
TEMP_OUT register (see Table 56), respectively. When using
real-time mode, these registers update only when this mode starts.
Table 54. SUPPLY_OUT (Base Address = 0x0A), Read Only
Bits
Description (Default = 0x8000)
[15:12]
Not used
[11:0]
Power supply, binary, 3.3 V = 0xA8F, 1.22 mV/LSB
Table 55. Power Supply Data Format Examples
Supply Level (V)
LSB
Hex
Binary
3.6
2949
0xB85
1011 1000 0101
3.3 + 0.0012207
2704
0xA90
1010 1001 0000
3.3
2703
0xA8F
1010 1000 1111
3.3 − 0.0012207
2702
0xA8E
1010 1000 1110
3.15
2580
0xA14
1010 0001 0100
Table 56. TEMP_OUT (Base Address = 0x08), Read Only
Bits
Description (Default = 0x8000)
[15:12]
Not used
[11:0]
Temperature data, offset binary, 1278 LSB = +25°C,
−0.47°C/LSB
Table 57. Internal Temperature Data Format Examples
Temperature (°C)
LSB
Hex
Binary
125
1065
0x429
0100 0010 1001
25 + 0.47
1277
0x4FD
0100 1111 1101
25
1278
0x4FE
0100 1111 1110
25 − 0.47
1279
0x4FF
0100 1111 1111
0
1331
0x533
0101 0011 0011
−40
1416
0x588
0101 1000 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com