Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 28 of 32
TYPICAL APPLICATION CIRCUITS
Figure 54. Using an External MOSFET Application, VIN1 = VIN2 = 12 V, VOUT1 = 1.2 V, IOUT1 = 5 A, VOUT2 = 3.3 V, IOUT2 = 5 A, fSW = 500 kHz
Figure 55. Using an External Diode Application, VIN1 = VIN2 = 12 V, VOUT1 = 5 V, IOUT1 = 3 A, VOUT2 = 3.3 V, IOUT2 = 1.5 A, fSW = 600 kHz
SW1
DL1
PGND
SW2
DL2
PGOOD1
PGOOD2
GND
SYNC
SCFG
INTVCC
RT
VDRV
VOUT2
3.3V
5A
VOUT1
1.2V
5A
VIN
12V
ADP2325
L1
1.5µH
L2
3.3µH
COUT1
100µF
COUT4
47µF
COUT2
100µF
COUT3
100µF
COUT5
47µF
CIN1
10µF,
25V
M1
FDS8880
M2
FDS8880
ROSC
120kΩ
CBST1
0.1µF
CSS2
22nF
CC2
1500pF
RC2
27kΩ
RTOP1
10kΩ
RBOT2
2.21kΩ
RTOP2
10kΩ
CINT
1µF
CDRV
1µF
TRK1
TRK2
MODE
VIN
12V
CIN2
10µF,
25V
CBST2
0.1µF
RBOT1
10kΩ
RC1
28kΩ
CC1
1500pF
CSS1
22nF
SW1
DL1
PGND
SW2
DL2
PGOOD1
PGOOD2
GND
SYNC
SCFG
INTVCC
RT
VDRV
VOUT2
3.3V
1.5A
VOUT1
5V
3A
VIN
12V
ADP2325
L1
4.7µH
L2
8.2µH
COUT1
22µF
COUT3
22µF
D2
B220A
D1
B320B
COUT2
22µF
COUT4
22µF
CIN1
10µF,
25V
ROSC
100kΩ
CBST1
0.1µF
CSS2
10nF
CC2
4.7nF
RC2
18kΩ
RILIM1
47kΩ
RILIM2
47kΩ
RTOP1
22kΩ
RBOT2
2.21kΩ
RTOP2
10kΩ
CINT
1µF
CDRV
1µF
TRK1
TRK2
VIN
12V
CIN2
10µF,
25V
CBST2
0.1µF
RBOT1
3kΩ
RC1
20kΩ
CC1
2.2nF
MODE
CSS1
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com