Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 22 of 32
LOW-SIDE POWER DEVICE SELECTION
The ADP2325 has integrated low-side MOSFET drivers, which
can drive the low-side N-channel MOSFETs (NFETs). The selec-
tion of the low-side N-channel MOSFET affects the dc-to-dc
regulator performance.
The selected MOSFET must meet the following requirements:
•
Drain source voltage (VDS) must be higher than 1.2 × VIN.
•
Drain current (ID) must be greater than 1.2 × ILIMIT_MAX, where
ILIMIT_MAX is the selected maximum current-limit threshold.
The ADP2325 low-side gate drive voltage is 5 V. Make sure that
the selected MOSFET can be fully turned on at 5 V.
Total gate charge (Qg at 5 V) must be less than 50 nC. Lower Qg
characteristics constitute higher efficiency.
When the high-side MOSFET is turned off, the low-side MOSFET
carries the inductor current. For low duty cycle applications, the
low-side MOSFET carries the current for most of the period. To
achieve higher efficiency, it is important to select a low on-resist-
ance MOSFET. The power conduction loss for the low-side
MOSFET can be calculated by
PFET_LOW = IOUT2 × RDSON × (1 − D)
where RDSON is the on resistance of the low-side MOSFET.
Make sure that the MOSFET can handle the thermal dissipation
due to the power loss.
In some cases, efficiency is not critical for the system; therefore,
the diode can be selected as the low-side power device. The
average current of the diode can be calculated by
IDIODE (AVG) = (1 − D) × IOUT
The reverse breakdown voltage rating of the diode must be
greater than the input voltage with an appropriate margin to
allow for ringing, which may be present at the SWx node. A
Schottky diode is recommended because it has a low forward
voltage drop and a fast switching speed.
If a diode is used for the low-side device, the ADP2325 must
enable the PFM mode by connecting the MODE pin to ground.
Table 10. Recommended MOSFETs
Vendor
Part No.
VDS
ID
RDSON
Qg
Fairchild
FDS8880
30 V
10.7 A
12 mΩ
12 nC
Fairchild
FDMS7578
25 V
14 A
8 mΩ
8 nC
Fairchild
FDS6898A
20 V
9.4 A
14 mΩ
16 nC
Vishay
Si4804CDY
30 V
7.9 A
27 mΩ
7 nC
Vishay
SiA430DJ
20 V
10.8 A
18.5 mΩ
5.3 nC
AOS
AON7402
30 V
39 A
15 mΩ
7.1 nC
AOS
AO4884L
40 V
10 A
16 mΩ
13.6 nC
PROGRAMMING THE UVLO INPUT
The precision enable input can be used to program the UVLO
threshold and hysteresis of the input voltage, as shown in Figure 50.
Figure 50. Programming the UVLO Input
Use the following equation to calculate RTOP_EN and RBOT_EN:
μA
1
V
2
.
1
μA
5
V
1
.
1
V
2
.
1
V
1
.
1
×
−
×
×
−
×
=
IN_FALLING
IN_RISING
TOP_EN
V
V
R
V
2
.
1
μ
5
V
2
.
1
_
_
_
_
−
Α
×
−
×
=
EN
TOP
RISING
IN
EN
TOP
EN
BOT
R
V
R
R
where:
VIN_RISING is the VIN rising threshold.
VIN_FALLING is the VIN falling threshold.
COMPENSATION COMPONENTS DESIGN
In peak current mode control, the power stage can be simplified
to a voltage controlled current source supplying current to the
output capacitor and load resistor. It is composed of one domain
pole and a zero contributed by the output capacitor ESR. The
control-to-output transfer function is shown in the following
equations:


×
×
+


×
×
+
×
×
=
=
P
Z
VI
COMP
OUT
VD
f
s
f
s
R
A
s
V
s
V
s
G
π
π
2
1
2
1
)
(
)
(
)
(
OUT
ESR
Z
C
R
f
×
×
×
=
π
2
1
(
)
OUT
ESR
P
C
R
R
f
×
+
×
×
=
π
2
1
where:
AVI = 8.33 A/V.
R is the load resistance.
COUT is the output capacitance.
RESR is the equivalent series resistance of the output capacitor.
ENx
1.2V
EN CMP
4µA
1µA
PVINx
RTOP_EN
RBOT_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com