Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 30 of 32
Figure 58. Synchronization with 90° Phase Shift Between Each Channel
INTVCC
RTOP1
20kΩ
CC1
1200pF
RC1
53kΩ
CSS1
22nF
CINT1
1µF
CDRV1
1µF
CIN1
10µF,
25V
CBST1
0.1µF
CBST2
0.1µF
L1
1.5µH
M1
FDS8880
M2
FDS8880
L2
2.2µH
VIN
12V
VIN
12V
VOUT1
1.8V,
3A
COUT1
100µF
COUT4
100µF
VOUT2
3.3V,
5A
RBOT1
10kΩ
RTOP2
10kΩ
RC2
62kΩ
CC2
1200pF
CSS2
22nF
CIN2
10µF,
25V
RBOT2
2.21kΩ
ROSC1
100kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2325
GND
PGOOD2
PGOOD1
RT
SW1
DL1
PGND
DL2
SW2
COUT2
100µF
COUT5
100µF
INTVCC
SYNC
SYNC
RTOP3
20kΩ
CC3
1200pF
RC3
53kΩ
CSS3
22nF
CINT2
1µF
CDRV2
1µF
CIN3
10µF,
25V
CBST3
0.1µF
CBST4
0.1µF
L3
1.5µH
M3
FDS8880
M4
FDS8880
L4
2.2µH
VIN
12V
VIN
12V
VOUT3
1.8V,
3A
COUT6
100µF
COUT9
100µF
VOUT4
3.3V,
5A
RBOT3
10kΩ
RTOP4
10kΩ
RC4
62kΩ
CC4
1200pF
CSS4
22nF
CIN4
10µF,
25V
RBOT4
2.21kΩ
ROSC2
120kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2325
GND
PGOOD2
PGOOD1
RT
SW1
DL1
PGND
DL2
SW2
COUT7
100µF
COUT10
100µF
COUT8
100µF
COUT3
100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com