Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 16 of 32
THEORY OF OPERATION
The ADP2325 is a full featured, dual output, step-down dc-to-dc
regulator based on a current mode architecture. It integrates two
high-side power MOSFETs and two low-side drivers for external
MOSFETs. The ADP2325 is designed for high performance
applications that require high efficiency and design flexibility.
The ADP2325 can operate with an input voltage from 4.5 V
to 20 V and can regulate the output voltage to as low as 0.6 V.
Additional features for flexible design include programmable
switching frequency, programmable soft start, external compen-
sation, independent enable inputs, and power-good outputs.
CONTROL SCHEME
The ADP2325 uses a fixed frequency, current mode PWM control
architecture during medium to full loads, but shifts to a power
save mode (PFM) at light loads when the PFM mode is enabled.
The power save mode reduces switching losses and boosts effi-
ciency under light loads.
When operating in the fixed frequency PWM mode, the duty
cycle of the integrated N-channel MOSFET (referred to inter-
changeably as NFET or MOSFET) is adjusted, this, in turn,
regulates the output voltage. When the device operates in
power save mode, the switching frequency is adjusted to regu
late the output voltage.
PWM MODE
In PWM mode, the ADP2325 operates at a fixed frequency
set by an external resistor. At the start of each oscillator cycle, the
high-side NFET turns on, placing a positive voltage across the
inductor. The inductor current increases until the current sense
signal crosses the peak inductor current threshold, turning off the
high-side NFET and turning on the low-side NFET (diode). This
places a negative voltage across the inductor, causing a reduction in
the inductor current. The low-side NFET (diode) stays on for the
remainder of the cycle or until the inductor current reaches zero.
PFM MODE
To enable the PFM mode, pull the MODE pin to ground. When
the COMPx voltage is below the PFM threshold voltage, the
device enters the PFM mode.
When the device enters the PFM mode, it monitors the FBx voltage
to regulate the output voltage. Because the high-side and low-
side NFETs are turned off, the load current discharges the output
capacitor causing the output voltage to drop. When the FBx
voltage drops below 0.605 V, the device starts switching and the
output voltage increases as the output capacitor is charged by the
inductor current. When the FBx voltage exceeds 0.62 V, the device
turns off both the high-side and low-side NFETs until the FBx
voltage drops to 0.605 V. In the PFM mode, the output voltage
ripple is larger than the ripple in the PWM mode.
PRECISION ENABLE/SHUTDOWN
The ADP2325 has two independent enable pins (EN1 and
EN2), one for each channel. The ENx pin has an internal pull-
down current source of 5 μA to provide a default turn-off whenever
an ENx pin is open.
When the voltage on the EN1 or EN2 pin exceeds 1.2 V (typical),
Channel 1 (per the EN1 pin) or Channel 2 (per the EN2 pin) is
enabled and the internal pull-down current source at the EN1
or EN2 pin is reduced to 1 μA, which allows the user to program
the UVLO lockout of the input voltage.
When the voltage on the EN1 or EN2 pin drops below 1.1 V
(typical), Channel 1 or Channel 2 turns off. When EN1 and
EN2 are both below 1.1 V, all of the internal circuits turn off
and the device enters the shutdown mode.
SEPARATE INPUT VOLTAGES
The ADP2325 supports two separate input voltages. This means
that the PVIN1 and PVIN2 voltages can be connected to two
different supply voltages. In these types of applications, because
the PVIN1 voltage provides the power supply for the internal regu-
lator and control circuitry, the PVIN1 voltage must be above the
UVLO voltage before the PVIN2 voltage begins to rise.
This feature allows for a cascading supply operation, as shown in
Figure 45 where PVIN2 is sourced from the Channel 1 output.
In this configuration, the Channel 1 output voltage needs to be high
enough to maintain Channel 2 in regulation, and the Channel 1
output voltage must be higher than the input voltage UVLO
threshold.
Figure 45. Cascading Supply Operation
INTERNAL REGULATOR (INTVCC)
The internal regulator provides a stable voltage supply for the
internal control circuits and a bias voltage for the low-side gate
drivers. It is recommended that a 1 μF ceramic capacitor be placed
between INTVCC and GND. The internal regulator also includes a
current-limit circuit for protection.
The internal regulator is active when either of the channels is
enabled. The PVIN1 pin provides power for the internal regulator,
which is used by both channels.
SW2
DL2
L2
PVIN2
SW1
DL1
PGND
COUT1
M1
L1
PVIN1
ADP2325
VIN
VOUT1
VOUT2
COUT2
M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com