Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 14 of 32
Figure 35. Output Short
Figure 36. External Synchronization with 60° Phase Shift
Figure 37. External Synchronization with 120° Phase Shift
Figure 38. Output Short Recovery
Figure 39. External Synchronization with 90° Phase Shift
Figure 40. SYNC Pin Configured as Output
CH1 2V
M 10ms
A CH1
1.32V
1
4
2
T 19.8%
CH4 5A
Ω
B
W
CH2 10V
SW
IL
VOUT
CH3 5V
CH2 10V
CH1 10V
M 1µs
A CH3
2.8V
3
1
2
T 50.4%
SYNC
SW1
SW2
CH2 10V
CH3 5V
CH1 10V
M 1µs
A CH3
2.8V
1
2
3
T 50.4%
SYNC
SW1
SW2
4
M 10ms
A CH1
1.32V
T 60.2%
CH4 5A
Ω
B
W
CH2 10V
CH1 2V
1
2
SW
IL
VOUT
CH3 5V
CH2 10V
CH1 10V
M 1µs
A CH3
2.8V
3
1
2
T 50.4%
SYNC
SW1
SW2
CH3 5V
CH2 10V
CH1 10V
M 1µs
A CH3
2.5V
3
1
2
T 50.0%
SYNC
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com