Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP2325
Data Sheet
Rev. 0 | Page 12 of 32
Figure 23. Low-Side Driver Rising Edge Waveform, CDL = 2.2 nF
Figure 24. Peak Current-Limit Threshold vs. Temperature, RILIM = Floating
Figure 25. Continuous Conduction Mode (CCM)
Figure 26. Low-Side Driver Falling Edge Waveform, CDL = 2.2 nF
Figure 27. Peak Current-Limit Threshold vs. Temperature, RILIM = 47 kΩ
Figure 28. Discontinuous Conduction Mode (DCM)
2
CH1 5V
CH2 2V
M20ns
A CH1
4V
1
T 40.4%
SW
DL
6.5
7.0
7.5
8.0
8.5
9.0
9.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
CH1 10mV
CH2 10V
M 1µs
A CH2
4.6V
1
4
2
T 42.6%
CH4 2A
Ω
B
W
VOUT (AC)
SW
IL
CH1 5V
CH2 2V
M20ns
A CH2
4.04V
1
2
T 40.4%
SW
DL
TEMPERATURE (°C)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
–40
–20
0
20
40
60
80
100
120
CH1 10mV
M 1µs
A CH2
8.4V
1
4
2
T 47.2%
CH4 1A
Ω
B
W
CH2 10V
VOUT (AC)
SW
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com