Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 31 of 32
Figure 59. Programmable VIN_RISING = 8.7 V, VIN_FALLING = 6.7 V, 3.3 V Startup Prior to 1.8 V,
VIN1 = VIN2 = 12 V, VOUT1 = 3.3 V, IOUT1 = 5 A, VOUT2 = 1.8 V, IOUT2 = 5 A, fSW = 300 kHz
Figure 60. Channel 2 Tracking with Channel 1
VIN1 = VIN2 = 12 V, VOUT1 = 2.5 V, IOUT1 = 5 A, VOUT2 = 1.25 V, IOUT2 = 5 A, fSW = 500 kHz
INTVCC
RTOP1
10kΩ
CC1
2200pF
RC1
47kΩ
REN_BOT
68kΩ
REN_TOP
330kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF,
25V
CBST1
0.1µF
CBST2
0.1µF
L1
4.7µH
M1
FDS8880
M2
FDS8880
L2
3.3µH
VIN
12V
VIN
12V
VOUT1
3.3V,
5A
COUT1
100µF
COUT4
330µF
VOUT2
1.8V,
5A
RBOT1
2.21kΩ
RTOP2
20kΩ
RC2
82kΩ
CC2
2200pF
CCP2
36pF
CIN2
10µF,
25V
RBOT2
10kΩ
RPGOOD1
100kΩ
ROSC
200kΩ
SCFG
TRK2
TRK1
VDRV
ADP2325
GND
RT
SW1
DL1
PGND
DL2
SW2
CSS2
22nF
MODE
PGOOD2
PGOOD1
SYNC
COUT2
100µF
COUT5
330µF
COUT3
100µF
INTVCC
RTOP1
47.5kΩ
RTRK_TOP
47.5kΩ
RTRK_BOT
15kΩ
CC1
1200pF
RC1
33kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF,
25V
CBST1
0.1µF
CBST2
0.1µF
L1
2.2µH
M1
FDS8880
M2
FDS8880
L2
1.5µH
VIN
12V
VIN
12V
VOUT1
2.5V,
5A
COUT1
47µF
COUT4
330µF
VOUT2
1.25V,
5A
RBOT1
15kΩ
RTOP2
13kΩ
RC2
49kΩ
CC2
1500pF
CCP2
56pF
CSS2
10nF
CIN2
10µF,
25V
RBOT2
12kΩ
ROSC
120kΩ
MODE
SCFG
TRK1
VDRV
ADP2325
GND
PGOOD2
PGOOD1
TRK2
RT
SW1
DL1
PGND
DL2
SW2
SYNC
COUT2
47µF
COUT5
10µF
COUT3
47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com