Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 15 of 32
Figure 41. Coincident Tracking
Figure 42. Thermal Derating Performance at 110°C Case Temperature Based
on ADP2325-EVALZ Board
Figure 43. Ratiometric Tracking
Figure 44. Thermal Derating Performance at 110°C Case Temperature Based
on ADP2325-EVALZ Board
CH2 1V
M 1ms
A CH1
1.56V
2
T 50.4%
B
W
B
W
CH1 1V
VMASTER
VSLAVE
0
1
2
3
4
5
6
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
CH1 = 0A
CH1 = 1A
CH1 = 2A
CH1 = 3A
CH1 = 4A
CH1 = 5A
VOUT1 = 1.2V
VOUT2 = 3.3V
fSW = 500kHz
CH2 1V
M 1ms
A CH1
1.58V
2
T 49.8%
B
W
B
W
CH1 1V
VMASTER
VSLAVE
0
1
2
3
4
5
6
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
VOUT1 = 1.2V
VOUT2 = 3.3V
fSW = 500kHz
CH2 = 0A
CH2 = 1A
CH2 = 2A
CH2 = 3A
CH2 = 4A
CH2 = 5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com