Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 19 of 32
POWER GOOD
The power-good (PGOODx) pin is an active high, open-drain
output that indicates whether the regulator output voltage is
within regulation. Logic high indicates that the voltage at the
FBx pin (and, therefore, the output voltage) is above 90% of the
reference voltage. Logic low indicates that the voltage at the FBx
pin (and, therefore, the output voltage) is below 85% of the
reference voltage. There is a 16-cycle deglitch time between FBx
and PGOODx.
OVERVOLTAGE PROTECTION
The ADP2325 provides an OVP feature to protect the system
against an output shorting to a higher voltage supply or for
when a strong load transient occurs. If the feedback voltage
increases to 0.7 V, the internal high-side MOSFET and low-side
driver turn off until the voltage at the FBx pin is reduced to
0.63 V, at which time the ADP2325 resumes normal operation.
UNDERVOLTAGE LOCKOUT
The UVLO threshold is 4.2 V with 0.5 V hysteresis to prevent
power-on glitches on the device. When the PVIN1 or PVIN2
voltage rises above 4.2 V, Channel 1 or Channel 2 is enabled and the
soft start period initiates. When either PVIN1 or PVIN2 drops
below 3.7 V, it turns off Channel 1 or Channel 2, respectively.
THERMAL SHUTDOWN
In the event that the ADP2325 junction temperature exceeds
150°C, the thermal shutdown circuit turns off the regulator. A
15°C hysteresis is included so that the ADP2325 does not recover
from thermal shutdown until the on-chip temperature drops
below 135°C. Upon recovery, soft start initiates prior to normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com