Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 25 of 32
To meet the ±5% overshoot and undershoot requirement, use
the following equation to calculate the capacitance:
(
)
2
2
_
2
OUT
OV
OUT
OUT
STEP
OV
OUT_OV
V
V
V
L
I
K
C
−
∆
+
×
∆
×
=
(
)
UV
OUT
OUT
IN
STEP
UV
OUT_UV
V
V
V
L
I
K
C
_
2
2
∆
×
−
×
×
∆
×
=
For estimation purposes, use KOV = KUV = 2. For VOUT1 = 1.2 V,
use COUT_OV1 = 188 µF and COUT_UV1 = 21 µF. For VOUT2 = 3.3 V,
use COUT_OV2 = 55 µF and COUT_UV2 = 21 µF.
For the 1.2 V rail, ESR of the output capacitor must be smaller
than 8.3 mΩ, and the output capacitance must be larger than
188 µF. It is recommend that three 100 µF, X5R, 6.3 V ceramic
capacitors be used, such as the GRM32ER60J107ME20 from
Murata, with an ESR = 2 mΩ.
For the 3.3 V rail, the ESR of the output capacitor must be
smaller than 23 mΩ, and the output capacitance must be
larger than 55 µF. It is recommended that two 47 µF, X5R,
6.3 V ceramic capacitors be used, such as the Murata
GRM32ER60J476ME20, with an ESR = 2 mΩ.
LOW-SIDE MOSFET SELECTION
A low RDSON N-channel MOSFET is selected for high efficiency
solutions. The MOSFET breakdown voltage must be greater
than 1.2 V × VIN, and the drain current must be greater than
1.2 V × ILIMIT.
It is recommended that a 30 V, N-channel MOSFET be used, such
as the FDS8880 from Fairchild. The RDSON of the FDS8880 at a
4.5 V driver voltage is 12 mΩ, and the total gate charge is 12 nC.
COMPENSATION COMPONENTS
For better load transient and stability performance, set the
cross frequency, fC, to fSW/10. In this case, fSW runs at 500 kHz;
therefore, the fC is set to 50 kHz.
For the 1.2 V rail, the 100 µF ceramic output capacitor has
a derated value of 64 µF.
kΩ
9
.
28
A/V
8.33
μS
500
V
0.6
kHz
50
μF
64
3
V
2
.
1
2
=
×
×
×
×
×
×
×
=
π
C1
R
(
)
pF
1598
kΩ
9
.
28
μF
64
3
Ω
001
.
0
Ω
24
.
0
=
×
×
+
=
C1
C
pF
6
.
6
kΩ
9
.
28
μF
64
3
Ω
001
.
0
=
×
×
=
CP1
C
By choosing standard components where RC1 = 28 kΩ and CC1 =
1500 pF, no CCP1 is needed.
Figure 52 shows the 1.2 V rail bode plot at 5 A. The cross
frequency is 42 kHz and the phase margin is 50°.
Figure 52. Bode Plot for 1.2 V Rail
For the 3.3 V rail, the 47 µF ceramic output capacitor has a
derated value of 32 µF.
kΩ
5
.
26
A/V
8.33
μS
500
V
0.6
kHz
50
μF
2
3
2
V
3
.
3
2
=
×
×
×
×
×
×
×
=
π
C2
R
(
)
pF
1594
kΩ
5
.
26
μF
32
2
Ω
001
.
0
Ω
66
.
0
=
×
×
+
=
C2
C
pF
4
.
2
kΩ
5
.
26
μF
32
2
Ω
001
.
0
=
×
×
=
CP2
C
By using standard component values of RC2 = 27 kΩ and
CC2 = 1500 pF, no CCP2 is needed.
Figure 53 shows the 3.3 V rail bode plot at 5 A. The cross
frequency is 55 kHz and phase margin is 67°.
Figure 53. Bode Plot for 3.3 V Rail
1k
–60
60
–48
48
–36
–24
–12
12
24
36
FREQUENCY (Hz)
0
–180
180
–144
144
–108
–72
–36
36
72
108
0
10k
100k
1
2 1M
1k
–60
60
–48
48
–36
–24
–12
12
24
36
FREQUENCY (Hz)
0
–180
180
–144
144
–108
–72
–36
36
72
108
0
10k
100k
1
2 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com