Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 27 of 32
EXTERNAL COMPONENTS RECOMMENDATIONS
Table 12. Recommended External Components for Typical Applications with 5 A Output Current
fSW (kHz)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)1
RTOP (kΩ)
RBOT (kΩ)
RC (kΩ)
CC (pF)
CCP (pF)
300
12
1
2.2
2 × 330
10
15
47
2700
56
12
1.2
2.2
2 × 330
10
10
59
2700
56
12
1.5
3.3
2 × 330
15
10
75
2700
47
12
1.8
3.3
330
20
10
43
2700
68
12
2.5
4.7
330
47.5
15
62
2700
56
12
3.3
4.7
2 × 100
10
2.21
33
2700
3.3
12
5
6.8
100 + 47
22
3
36
2700
3.3
5
1
1.5
2 × 330
10
15
49
2700
68
5
1.2
2.2
2 × 330
10
10
59
2700
56
5
1.5
2.2
330
15
10
37
2700
82
5
1.8
2.2
330
20
10
43
2700
68
5
2.5
2.2
2 × 100
47.5
15
22
2700
4.7
5
3.3
2.2
100
10
2.21
15
2700
4.7
600
12
1.5
1.5
330
15
10
75
1500
47
12
1.8
1.5
3 × 100
20
10
53
1500
2.2
12
2.5
2.2
2 × 100
47.5
15
47
1500
2.2
12
3.3
2.2
100 + 47
10
2.21
47
1500
2.2
12
5
3.3
100
22
3
47
1500
2.2
5
1
1
330
10
15
49
1500
68
5
1.2
1
330
10
10
59
1500
56
5
1.5
1
2 × 100
15
10
27
1500
4.7
5
1.8
1.5
2 × 100
20
10
33
1500
3.3
5
2.5
1.5
100 + 47
47.5
15
33
1500
2.2
5
3.3
1.5
100
10
2.21
30
1500
4.7
1000
12
1.8
1
2 × 100
20
10
56
820
2.2
12
2.5
1
100
47.5
15
39
820
2.2
12
3.3
1.5
100
10
2.21
53
820
2.2
12
5
2
47
22
3
39
820
2.2
5
1
0.56
3 × 100
10
15
47
820
2.2
5
1.2
0.56
2 × 100
10
10
37
820
6.8
5
1.5
0.68
2 × 100
15
10
47
820
4.7
5
1.8
0.8
100 + 47
20
10
43
820
4.7
5
2.5
0.8
100
47.5
15
43
820
4.7
5
3.3
0.8
47
10
2.21
27
820
2.2
1
330 µF: 6.3 V, Sanyo 6TPD330M; 100 µF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 µF: 6.3 V, X5R, Murata GRM32ER60J476ME20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com