Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 21 of 32
The ADP2325 uses adaptive slope compensation in the current
loop to prevent subharmonic oscillations when the duty cycle is
larger than 50%. The internal slope compensation limits the min-
imum inductor value.
For a duty cycle that is larger than 50%, the minimum inductor
value is determined by the following equation:

SW
OUT
f
D
V
2
1
The inductor peak current is calculated by
2
L
OUT
PEAK
I
I
I
The saturation current of the inductor must be larger than the
peak inductor current. For the ferrite core inductors with a
quick saturation characteristic, the saturation current rating of the
inductor should be higher than the current-limit threshold of the
switch to prevent the inductor from entering saturation.
The rms current of the inductor can be calculated by
12
2
2
L
OUT
RMS
I
I
I
Shielded ferrite core materials are recommended for low core
loss and low EMI.
Table 9. Recommended Inductors
Vendor
Part No.
Value
(μH)
ISAT
(A)
IRMS
(A)
DCR
(mΩ)
Sumida
CDRH105RNP-0R8N
0.8
13.5
9.5
4.3
CDRH105RNP-1R5N
1.5
10.5
8.3
5.8
CDRH105RNP-2R2N
2.2
9.25
7.5
7.2
CDRH105RNP-3R3N
3.3
7.8
6.5
10.4
CDRH105RNP-4R7N
4.7
6.4
6.1
12.3
CDRH105RNP-6R8N
6.8
5.4
5.4
18
Coilcraft
MSS1048-152NL
1.5
10.5
10.8
5.1
MSS1048-222NL
2.2
8.4
9.78
7.2
MSS1048-332NL
3.3
7.38
7.22
10.1
MSS1048-472NL
4.7
6.46
6.9
11.4
MSS1048-682NL
6.8
5.94
6.01
15.4
Wurth
Elektronik
7447797110
1.1
16
7.6
14
7447797180
1.8
13.3
7.3
16
7447797300
3.0
10.5
7.0
18
7447797470
4.7
8.0
5.8
27
7447797620
6.2
7.5
5.5
30
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects both the output voltage
ripple and the loop dynamics of the regulator. For example,
during load step transient on the output, when the load is sud-
denly increased, the output capacitor supplies the load until the
control loop can ramp up the inductor current, which causes an
undershoot of the output voltage. Use the following equation to
calculate the output capacitance that is required to meet the voltage
droop requirement:

OUT_UV
OUT
IN
STEP
UV
OUT_UV
V
V
V
L
I
K
C
2
2
where:
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage.
KUV
is a factor, typically setting KUV = 2.
Another example is when a load is suddenly removed from the
output and the energy stored in the inductor rushes into the
output capacitor, which causes the output to overshoot. The
output capacitance required to meet the overshoot requirement
can be calculated using the following equation:

2
2
_
2
OUT
OV
OUT
OUT
STEP
OV
OUT_OV
V
V
V
L
I
K
C
where:
ΔVOUT_OV is the allowable overshoot on the output voltage.
KOV
is a factor, typically setting KOV = 2.
The output ripple is determined by the ESR of the output
capacitor and its capacitance value. Use the following equation to
select a capacitor that can meet the output ripple requirements:
OUT_RIPPLE
SW
L
OUT_RIPPLE
V
f
I
C
8
L
OUT_RIPPLE
ESR
I
V
R
where:
ΔVOUT_RIPPLE is the allowable output voltage ripple.
RESR
is the equivalent series resistance of the output capacitor.
Select the largest output capacitance given by COUT_UV, COUT_OV,
and COUT_RIPPLE to meet both load transient and output ripple
performance.
The selected output capacitor voltage rating must be greater
than the output voltage. The minimum rms current rating of
the output capacitor is determined by the following equation:
12
_
L
rms
C
I
I
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com