Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2325ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2325ACPZ-R7
Description  Dual 5 A, 20 V Synchronous Step-Down
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2325ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2325ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2325ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
ADP2325
Rev. 0 | Page 29 of 32
Figure 56. Parallel Single Output Application, VIN = 12 V, VOUT = 1.2 V, IOUT = 10 A, fSW = 300 kHz
Figure 57. Enable PFM Mode with the MODE Pin Pulled to GND, VIN1 = VIN2 = 12 V, VOUT1 = 1.5 V, IOUT1 = 5 A, VOUT2 = 2.5 V, IOUT2 = 5 A, fSW = 600 kHz
TRK1
RTOP1
10kΩ
CC1
1200pF
CCP1
56pF
RC1
59kΩ
ROSC
200kΩ
CSS1
22nF
CINT
1µF
CIN1
10µF,
25V
CBST1
0.1µF
CBST2
0.1µF
L1
1µH
M1
FDS8880
M2
FDS8880
L2
1µH
VIN
12V
VIN
12V
VOUT1
1.2V,
10A
COUT1
330µF
RBOT1
10kΩ
CIN2
10µF,
25V
PGOOD1
SCFG
SYNC
INTVCC
ADP2325
RT
MODE
PGOOD2
TRK2
GND
SW1
SW1
SW2
DL1
PGND
DL2
SW2
VDRV
COUT2
330µF
COUT3
10µF
CDRV
1µF
INTVCC
RTOP1
15kΩ
CC1
1200pF
RC1
47kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF,
25V
CBST1
0.1µF
CBST2
0.1µF
L1
1.5µH
L2
2.2µH
VIN
12V
VOUT1
1.5V,
5A
COUT4
47µF
VIN
12V
RBOT1
10kΩ
RTOP2
47.5kΩ
RC2
39kΩ
CC2
1200pF
CSS2
22nF
CIN2
10µF,
25V
RBOT2
15kΩ
ROSC
100kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2325
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
COUT2
100µF
COUT5
47µF
COUT1
100µF
COUT3
100µF
COUT6
47µF
M1
FDS8880
M2
FDS8880
VOUT1
2.5V,
5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com