Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 24Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 25Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 26Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 27Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 28Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 29Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 30Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 31Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 28 of 48
SERIAL AUDIO INTERFACE AND SAMPLE RATE CONTROL REGISTER
Address: 0x02, Reset: 0x02, Name: Serial_Interface_Sample_Rate_Control
Table 15. Bit Descriptions for Serial_Interface_Sample_Rate_Control
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
[6:5]
SDATA_FMT
Serial Data Format. Only required if SAI = 000.
0x0
RW
00
I²S standard; data is delayed by one BCLK cycle
01
Left justified
10
Right justified, 24-bit data
11
Right justified, 16-bit data
[4:2]
SAI
Serial Audio Interface Format.
0x0
RW
000
I2S, left justified, or right justified stereo (depending on SDATA_FMT)
001
2-slot TDM
010
4-slot TDM
011
8-slot TDM
100
16-slot TDM
101
Mono PCM
110
Reserved
111
Reserved
[1:0]
FS
Manual Sample Rate Selection. Only required if ASR = 1 in Register 0x01.
0x2
RW
00
8 kHz to 12 kHz
01
16 kHz to 24 kHz
10
32 kHz to 48 kHz
11
64 kHz to 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com