Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 34Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 35Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 36Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 37Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 38Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 39Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 40Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 41Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 38 of 48
Bits
Bit Name
Settings
Description
Reset
Access
1000
193 ms
1001
384 ms
1010
768 ms
1011
1.536 sec
1100
3.072 sec
1101
6.144 sec
1110
12.288 sec
1111
24.576 sec
DRC CONTROL 3 REGISTER
Address: 0x0C, Reset: 0x57, Name: DRC_Control_3
Table 25. Bit Descriptions for DRC_Control_3
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRC_LT
DRC Limiter Threshold Setting. Relative to input.
0x5
RW
0000
0 dB
0001
−1 dB
0010
−2 dB
0011
−3 dB
0100
−4 dB
0101
−5 dB
0110
−6 dB
0111
−7 dB
1000
−8 dB
1001
−10 dB
1010
−12 dB
1011
−14 dB
1100
−16 dB
1101
−18 dB
1110
−20 dB
1111
−22 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com