Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 31Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 32Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 33Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 34Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 35Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 36Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 37Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 38Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 35 of 48
POWER AND FAULT CONTROL REGISTER
Address: 0x09, Reset: 0x99, Name: Power_Fault_Control
Table 22. Bit Descriptions for Power_Fault_Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
AR_TIME
Automatic Recovery Delay Time. This determines the amount of time
delay between fault detection and an autorecovery attempt.
0x2
RW
00
10 ms autorecovery delay
01
20 ms autorecovery delay
10
40 ms autorecovery delay
11
80 ms autorecovery delay
5
RESERVED
Reserved.
0x0
RW
4
AMP_LPM
Class-D Amplifier Low Power Mode.
0x1
RW
0
High performance operation
1
Low power operation
3
DAC_LPM
DAC Low Power Mode. In low power mode, the DAC runs at half speed.
0x1
RW
0
Normal operation
1
Low power operation
2
R_PWDN
Right Channel Power-Down.
0x0
RW
0
Normal operation
1
Right channel powered down
1
L_PWDN
Left Channel Power-Down.
0x0
RW
0
Normal operation
1
Left channel powered down
0
APWDN_EN
Automatic Power-Down Enable. Automatic power-down automatically
puts the IC in a low power state when 2048 consecutive zero input
samples have been received.
0x1
RW
0
Automatic power-down disabled
1
Automatic power-down enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com