Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 4Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 5Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 6Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 7Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 8Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 9Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 10Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 11Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
PVDD Supply Voltage
−0.3 V to +6 V
DVDD Supply Voltage
−0.3 V to +3.6 V
Input Voltage (ADDR, MCLK, BCLK, LRCLK,
SDATA, SAMOD Pins)
−0.3 V to +3.6 V
Input Voltage (SD, SDA, and SCL Pins)
−0.3 V to +6 V
ESD Susceptibility
4 kV
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +165°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses abovethose listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditionsfor extended periodsmay affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
Unit
16-ball, 2 mm × 2 mm WLCSP
56
°C/W
20-lead, 4.0 mm × 4.0 mm LFCSP
54
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com