Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 37Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 38Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 39Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 40Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 41Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 42Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 43Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 44Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 41 of 48
Bits
Bit Name
Settings
Description
Reset
Access
1100
−87 dB
1101
−90 dB
1110
−93 dB
1111
−96 dB
DRC CONTROL 5 REGISTER
Address: 0x0E, Reset: 0x8C, Name: DRC_Control_5
Table 27. Bit Descriptions for DRC_Control_5
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRC_SMAX
DRC Limiter Threshold Setting. Relative to input.
0x8
RW
0000
0 dB
0001
−1 dB
0010
−2 dB
0011
−3 dB
0100
−4 dB
0101
−5 dB
0110
−6 dB
0111
−7 dB
1000
−8 dB
1001
−10 dB
1010
−12 dB
1011
−14 dB
1100
−16 dB
1101
−18 dB
1110
−20 dB
1111
−22 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com