Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 6Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 7Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 8Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 9Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 10Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 11Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 12Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 13Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 10 of 48
PIN 1
INDICATOR
1
OUTL+
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
2
OUTL–
3
ADDR
4
SDA
5
SCL
13 SD
14 OUTR–
15 OUTR+
12 DVDD
11 SAMOD
TOP VIEW
(Not to Scale)
SSM2518
Figure 5. LFCSP Pin Configuration
Table 9. Pin Function Descriptions, LFCSP
Pin No.
Mnemonic
Function1
Description
1
OUTL+
O
Left Channel Output Positive.
2
OUTL−
O
Left Channel Output Negative.
3
ADDR
I
I2C Address Select.
4
SDA
I/O
I2C Data.
5
SCL
I
I2C Clock.
6
MCLK
I
Serial Audio Interface Master Clock.
7
BCLK
I
I2S Bit Clock.
8
GND
P
Amplifier Ground.
9
LRCLK
I
I2S Word Clock.
10
SDATA
I
I2S Serial Data.
11
SAMOD
I
Standalone/I2C Mode Select. High = standalone mode, low = I2C mode.
12
DVDD
P
1.62 V to 3.6 V Digital and Analog Power.
13
SD
I
Power-Down Control, Active Low.
14
OUTR−
O
Right Channel Output Negative.
15
OUTR+
O
Right Channel Output Positive.
16
PVDD
P
2.5 V to 5.5 V Amplifier Power.
17
GND
P
Amplifier Ground.
18
GND
P
Amplifier Ground.
19
GND
P
Amplifier Ground.
20
PVDD
P
2.5 V to 5.5 V Amplifier Power.
1 I is input, O is output, I/O is input/output, and P is power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com