Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  SSM2518CPZ-R7 Datasheet HTML 1Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 2Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 3Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 4Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 5Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 6Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 7Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 8Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 5 of 48
SPECIFICATIONS
All specifications at PVDD = 5.0 V, DVDD = 1.8 V, fS = 48 kHz, MCLK = 128 × fS, TA = 25°C, RL = 8 Ω + 15 μH, LP_MODE = 0, volume
control = 0 dB, unless otherwise noted.
PERFORMANCE SPECIFICATIONS
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
PO
f = 1 kHz, BW = 20 kHz
Output Power
RL = 4 Ω, THD = 1%, PVDD = 5.0 V
2
W
RL = 4 Ω, THD = 10%, PVDD = 5.0 V
2.5
W
RL = 8 Ω, THD = 1%, PVDD = 5.0 V
1.42
W
RL = 8 Ω, THD = 10%, PVDD = 5.0 V
1.8
W
RL = 4 Ω, THD = 1%, PVDD = 3.6 V
1.3
W
RL = 4 Ω, THD = 10%, PVDD = 3.6 V
1.7
W
RL = 8 Ω, THD = 1%, PVDD = 3.6 V
0.75
W
RL = 8 Ω, THD = 10%, PVDD = 3.6 V
0.94
W
RL = 4 Ω, THD = 1%, PVDD = 2.5 V
0.4
W
RL = 4 Ω, THD = 10%, PVDD = 2.5 V
0.45
W
RL = 8 Ω, THD = 1%, PVDD = 2.5 V
0.275
W
RL = 8 Ω, THD = 10%, PVDD = 2.5 V
0.35
W
Efficiency
η
PO = 1.4 W, 8 Ω, PVDD = 5.0 V, normal operation
91
%
PO = 1.4 W, 8 Ω, PVDD = 5.0 V, ultralow EMI operation
86
%
THD + N
PO = 0.5 W into 8 Ω each channel, f = 1 kHz, PVDD = 5 V
0.04
%
Total Harmonic Distortion
Plus Noise
PO = 0.25 W into 8 Ω each channel, f = 1 kHz, PVDD = 3.6 V
0.03
%
Channel Separation
XTALK
PO = 1 W, f = 1 kHz, PVDD = 5 V
108
dB
Average Switching Frequency
fSW
280
kHz
Differential Output Offset
VOOS
2.0
mV
Power Supply Rejection Ratio
PSRRDC
PVDD = 2.5 V to 5.0 V
70
80
dB
PSRRGSM
VRIPPLE = 100 mV rms at 217 Hz, dither input
80
dB
PSRRGSM
VRIPPLE = 100 mV rms at 217 Hz, no input
100
dB
Supply Current
IPVDD
Dither input, no load, PVDD = 5.0 V
4.7
mA
PVDD
Dither input, no load, PVDD = 3.6 V
4.4
mA
Dither input, no load, PVDD = 2.5 V
3.8
mA
Software power-down, SD = 1.8 V, SPWDN = 1, PVDD = 3.6 V
4
μA
Hardware power-down, SD = 0 V, PVDD = 3.6 V
100
nA
DVDD
IDVDD
Dither input, no load, DVDD = 3.3 V
3.0
mA
Dither input, no load, DVDD = 1.8 V
1.5
mA
Dither input, no load, DVDD = 1.8 V, fS = 8 kHz
0.25
mA
Software power-down, SD = 1.8 V, SPWDN = 1, DVDD = 1.8 V
2.5
μA
Hardware power-down, SD = 0 V, DVDD = 1.8 V
100
nA
Output Noise Voltage
en
PVDD = 5 V, f = 20 Hz to 20 kHz, dither input, A-weighted
50
μV
PVDD = 3.6 V, f = 20 Hz to 20 kHz, dither input, A-weighted
40
μV
Signal-to-Noise Ratio
SNR
A-weighted, referred to 0 dBFS, PVDD = 3.6 V
97
dB
Mute Attenuation
Soft mute on
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com