Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 16Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 17Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 18Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 19Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 20Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 21Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 22Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 23Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 20 of 48
DIGITAL AUDIO FORMATS
STEREO MODE
SAI = 0
SDATA_FMT = 0 (I2S), 1 (LJ), 2 (RJ 24-bit), 3 (RJ 16-bit)
BCLK
LEFT CHANNEL
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
ANY# BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
RIGHT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
8 TO 32 BCLKs
LEFT CHANNEL
RIGHT CHANNEL
LRCLK
SDATA I2S
SDATA LJ
SDATA RJ
Figure 26. Stereo Modes: I2S, Left Justified, and Right Justified
TDM, 50% DUTY CYCLE MODE
SAI = 1 (2 slots), 2 (4 slots), 3 (8 slots), 4 (16 slots)
SDATA_FMT = 0 (I2S), 1 (LJ), 2 (RJ 24-bit), 3 (RJ 16-bit)
BCLK_EDGE = 0
LRCLK_MODE = 0
SLOT_WIDTH = 0 (32 BCLKs), 1 (24 BCLKs), 2 (16 BCLKs)
32/24/16 BCLKs
32/24/16 BCLKs
32/24/16 BCLKs
CHANNEL 1
CHANNEL 1
CHANNEL 2
CHANNEL 2
CHANNEL 2
CHANNEL N
CHANNEL N
CHANNEL N
CHANNEL 1
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
24 OR 16 BCLKs
24 OR 16 BCLKs
24 OR 16 BCLKs
BCLK
LRCLK
SDATA I2S
SDATA LJ
SDATA RJ
Figure 27. TDM Modes with 50% Duty Cycle LRCLK
TDM, PULSE MODE
SAI = 1 (2 slots), 2 (4 slots), 3 (8 slots), 4 (16 slots)
SDATA_FMT = 0 (I2S), 1 (LJ), 2 (RJ 24-bit), 3 (RJ 16-bit)
BCLK_EDGE = 0
LRCLK_MODE = 1
SLOT_WIDTH = 0 (32 BCLKs), 1 (24 BCLKs), 2 (16 BCLKs)
CHANNEL 2
CHANNEL N
CHANNEL 1
32/24/16 BCLKs
32/24/16 BCLKs
32/24/16 BCLKs
CHANNEL 1
CHANNEL 1
CHANNEL 2
CHANNEL 2
CHANNEL N
CHANNEL N
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
8 TO 32 BCLKs
24 OR 16 BCLKs
24 OR 16 BCLKs
24 OR 16 BCLKs
BCLK
LRCLK
SDATA I2S
SDATA LJ
SDATA RJ
Figure 28. TDM Modes with Pulse Mode LRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com