Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 36Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 37Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 38Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 39Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 40Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 41Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 42Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 43Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 40 of 48
DRC CONTROL 4 REGISTER
Address: 0x0D, Reset: 0x89, Name: DRC_Control_4
Table 26. Bit Descriptions for DRC_Control_4
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRC_ET
DRC Expander Upper Threshold Setting. Relative to input.
0x8
RW
0000
−36 dB
0001
−39 dB
0010
−42 dB
0011
−45 dB
0100
−48 dB
0101
−51 dB
0110
−54 dB
0111
−57 dB
1000
−60 dB
1001
−63 dB
1010
−66 dB
1011
−69 dB
1100
−72 dB
1101
−75 dB
1110
−78 dB
1111
−81 dB
[3:0]
DRC_NT
DRC Noise Gate Threshold Setting. Relative to input.
0x9
RW
0000
−51 dB
0001
−54 dB
0010
−57 dB
0011
−60 dB
0100
−63 dB
0101
−66 dB
0110
−69 dB
0111
−72 dB
1000
−75 dB
1001
−78 dB
1010
−81 dB
1011
−84 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com