Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 7Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 8Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 9Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 10Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 11Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 12Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 13Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 14Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 11 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
2.5V
3.6V
5.0V
GAIN = 5V
MCLK = 256 ×
fS
RL = 8Ω, 33µH
Figure 6. THD + N vs. Output Power into 8 Ω, 5.0 V Gain Setting
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
2.5V
3.6V
5.0V
GAIN = 5V
MCLK = 256 ×
fS
RL = 4Ω, 15µH
Figure 7. THD + N vs. Output Power into 4 Ω, 5.0 V Gain Setting
10
100
1k
10k
100k
FREQUENCY (Hz)
0.25W
0.5W
1.0W
0.01
0.1
1
10
100
PVDD = 5V
GAIN = 5V
MCLK = 256 ×
fS
RL = 8Ω, 33µH
Figure 8. THD + N vs. Frequency, PVDD = 5 V, RL = 8 Ω
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
2.5V
3.6V
5.0V
GAIN = 3.6V
MCLK = 256 ×
fS
RL = 8Ω, 33µH
Figure 9. THD + N vs. Output Power into 8 Ω, 3.6 V Gain Setting
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
2.5V
3.6V
5.0V
GAIN = 3.6V
MCLK = 256 ×
fS
RL = 4Ω, 15µH
Figure 10. THD + N vs. Output Power into 4 Ω, 3.6 V Gain Setting
10
100
1k
10k
100k
FREQUENCY (Hz)
0.25W
0.5W
1.0W
0.01
0.1
1
10
100
PVDD = 5V
GAIN = 5V
MCLK = 256 ×
fS
RL = 4Ω, 15µH
Figure 11. THD + N vs. Frequency, PVDD = 5 V, RL = 4 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com