Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 38Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 39Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 40Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 41Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 42Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 43Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 44Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 45Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 42 of 48
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
DRC_SMIN
DRC Minimum Output Signal Amplitude Setting. This is the minimum
output level produced by the DRC and is used to indicate the expander
lower threshold, or output signal level when the input rises beyond the
noise gate threshold.
0xC
RW
0000
−51 dB
0001
−54 dB
0010
−57 dB
0011
−60 dB
0100
−63 dB
0101
−66 dB
0110
−69 dB
0111
−72 dB
1000
−75 dB
1001
−78 dB
1010
−81 dB
1011
−84 dB
1100
−87 dB
1101
−90 dB
1110
−93 dB
1111
−96 dB
DRC CONTROL 6 REGISTER
Address: 0x0F, Reset: 0x77, Name: DRC_Control_6
Table 28. Bit Descriptions for DRC_Control_6
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRC_ATT
DRC Attack Time. Used to smooth the gain curve at the thresholds (knees)
of each DRC function.
0x7
RW
0000
0 ms
0001
0.1 ms
0010
0.19 ms
0011
0.37 ms
0100
0.75 ms
0101
1.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com