Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 26Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 27Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 28Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 29Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 30Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 31Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 32Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 33Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 30 of 48
CHANNEL MAPPING CONTROL REGISTER
Address: 0x04, Reset: 0x10, Name: Channel_Mapping_Control
Table 17. Bit Descriptions for Channel_Mapping_Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
CH_SEL_R
Right Channel Select. Channel 0 valid when running in mono (PCM)
mode.
0x1
RW
Channel 0 to Channel 1 valid when running in stereo and 2-slot TDM
modes.
Channel 0 to Channel 3 valid when running in 4-slot TDM mode.
Channel 0 to Channel 7 valid when running in 8-slot TDM mode.
Channel 0 to Channel 15 valid when running in 16-slot TDM mode.
0000
Channel 0
0001
Channel 1
0010
Channel 2
0011
Channel 3
0100
Channel 4
0101
Channel 5
0110
Channel 6
0111
Channel 7
1000
Channel 8
1001
Channel 9
1010
Channel 10
1011
Channel 11
1100
Channel 12
1101
Channel 13
1110
Channel 14
1111
Channel 15
[3:0]
CH_SEL_L
Left Channel Select. Channel 0 valid when running in mono (PCM) mode.
0x0
RW
Channel 0 to Channel 1 valid when running in stereo and 2-slot TDM
modes.
Channel 0 to Channel 3 valid when running in 4-slot TDM mode.
Channel 0 to Channel 7 valid when running in 8-slot TDM mode.
Channel 0 to Channel 15 valid when running in 16-slot TDM mode.
0000
Channel 0
0001
Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com