Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # SSM2518CPZ-R7
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button SSM2518CPZ-R7 Datasheet HTML 27Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 28Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 29Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 30Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 31Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 32Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 33Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 34Page - Analog Devices SSM2518CPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 31 of 48
Bits
Bit Name
Settings
Description
Reset
Access
0010
Channel 2
0011
Channel 3
0100
Channel 4
0101
Channel 5
0110
Channel 6
0111
Channel 7
1000
Channel 8
1001
Channel 9
1010
Channel 10
1011
Channel 11
1100
Channel 12
1101
Channel 13
1110
Channel 14
1111
Channel 15
LEFT CHANNEL VOLUME CONTROL REGISTER
Address: 0x05, Reset: 0x40, Name: Left_Volume_Control
Table 18. Bit Descriptions for Left_Volume_Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
L_VOL
Left Channel Volume Control. Adjusts the digital gain in 0.375 dB
increments.
0x40
RW
00000000
+24 dB
00000001
+23.625 dB
00000010
+23.35 dB
00000011
+22.875 dB
00000100
+22.5 dB
00000101
+22.125 dB
…
…
00111111
+0.375 dB
01000000
0 dB
01000001
−0.375 dB
01000010
−0.750 dB
…
…
11111101
−70.875 dB
11111110
−71.25 dB
11111111
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com