Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 14Page - Texas Instruments TNETA1585 Datasheet HTML 15Page - Texas Instruments TNETA1585 Datasheet HTML 16Page - Texas Instruments TNETA1585 Datasheet HTML 17Page - Texas Instruments TNETA1585 Datasheet HTML 18Page - Texas Instruments TNETA1585 Datasheet HTML 19Page - Texas Instruments TNETA1585 Datasheet HTML 20Page - Texas Instruments TNETA1585 Datasheet HTML 21Page - Texas Instruments TNETA1585 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
parameter-memory interface
The parameter-memory interface on the TNETA1585 is used for interface to the external SRAM containing the
connection-state information and parameters required per channel. The interface consists of a 32-bit data bus,
a 16-bit address bus, an output-enable terminal, and a write-enable terminal. The interface also provides an
additional address terminal (PMAD15) that can be used with address terminal (PMAD15) to provide support
for SRAM bank switching. This allows the user to use two 32K
× 32 banks of SRAM instead of one 64K × 32
bank by using PMAD15 and PMAD15 as chip selects. The TNETA1585 is designed to operate with a 15 ns or
faster asynchronous SRAM. The total SRAM requirement for parameter memory to support 2K connections
is 32K
× 32.
The parameter-memory information is accessed by the host via the slave interface. Details of the parameters
in parameter memory are found in the
TNETA1585 Programmer’s Reference Guide, literature number
SDNU016.
JTAG interface
The TNETA1585 supports boundary scan through a five-wire JTAG interface in accordance with IEEE Std
1149.1-1990 (includes IEEE Std 1149.1a-1993) IEEE Standard Test-Access Port and Boundary-Scan
Architecture.
The maximum operating frequency is 10 MHz for the JTAG interface.
JTAG instruction set
The TNETA1585 supports the following instructions:
INSTRUCTION
OP CODE (BINARY FORMAT)
EXTEST
000
IDCODE
100
SAMPLE/PRELOAD
001
BYPASS
111
INTERNAL SCAN
010
HIGH Z
101
idcode
VARIANT
PART NUMBER
MANUFACTURER
LSB
Bit number
31–28
27–12
11–1
0
Binary code
0000
TBD
00000010111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com