Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 24 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 20Page - Texas Instruments TNETA1585 Datasheet HTML 21Page - Texas Instruments TNETA1585 Datasheet HTML 22Page - Texas Instruments TNETA1585 Datasheet HTML 23Page - Texas Instruments TNETA1585 Datasheet HTML 24Page - Texas Instruments TNETA1585 Datasheet HTML 25Page - Texas Instruments TNETA1585 Datasheet HTML 26Page - Texas Instruments TNETA1585 Datasheet HTML 27Page - Texas Instruments TNETA1585 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 7)
receive-UTOPIA interface
NO.
MIN
MAX
UNIT
1
tsu(RXCLAV)
Setup time, RXCLAV low before RXCLK
↑
10
ns
2
tsu(RXSOC)
Setup time, RXSOC high before RXCLK
↑
10
ns
3†
tsu(RXDATA)
Setup time, RXDATA7–RXDATA0 valid before RXCLK
↑
11
ns
4‡
th(RXCLAV)
Hold time, RXCLAV low after RXCLK
↑
2
ns
5
th(RXSOC)
Hold time, RXSOC high after RXCLK
↑
1
ns
6
th(RXDATA)
Hold time, RXDATA7–RXDATA0 valid after RXCLK
↑
1
ns
† This 11-ns minimum setup time deviates from the 10-ns minimum setup time specified in the UTOPIA level-1 revision1-2.01 specification.
‡ This 2-ns minimum hold time deviates from the 1-ns minimum hold time specified in the UTOPIA level-1 revision1-2.01 specification.
RXDATA7 –
RXDATA0
(input)
RXCLK
(input)
RXSOC
(input)
5
RXCLAV
(input)
Byte 53
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
2
1
3
6
4
Figure 7. Receive-UTOPIA Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com