Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 22Page - Texas Instruments TNETA1585 Datasheet HTML 23Page - Texas Instruments TNETA1585 Datasheet HTML 24Page - Texas Instruments TNETA1585 Datasheet HTML 25Page - Texas Instruments TNETA1585 Datasheet HTML 26Page - Texas Instruments TNETA1585 Datasheet HTML 27Page - Texas Instruments TNETA1585 Datasheet HTML 28Page - Texas Instruments TNETA1585 Datasheet HTML 29Page - Texas Instruments TNETA1585 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 9)
slave interface – write operation
NO.
MIN
MAX
UNIT
1
tsu(SCAD)
Setup time, SCAD5–SCAD0 valid before CLOCK
↑
7
ns
2
tsu(SCDATA)
Setup time, SCDATA31–SCDATA0 valid before CLOCK
↓
0
ns
3
tsu(SCWE)
Setup time, SCWE low before CLOCK
↑
5
ns
4
tsu(SCSEL)
Setup time, SCSEL low before CLOCK
↑
5
ns
5
tsu(SCOE)
Setup time, SCOE high before CLOCK
↓
5
ns
6
th(SCAD)
Hold time, SCAD5–SCAD0 valid after CLOCK
↑
0
ns
7
th(SCDATA)
Hold time, SCDATA31–SCDATA0 valid after CLOCK
↓
7
ns
8
th(SCWE)
Hold time, SCWE low after CLOCK
↑
4
ns
9
th(SCSEL)
Hold time, SCSEL low after CLOCK
↑
0
ns
10
th(SCOE)
Hold time, SCOE high after CLOCK
↓
2
ns
SCDATA31–
SCDATA0
(input)
SCOE
(input)
SCSEL
(input)
Valid
SCAD5–
SCAD0
(input)
Valid
CLOCK
(input)
1
SCWE
(input)
4
3
6
8
7
2
9
5
10
Figure 9. Slave Interface – Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com