Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 2 Page - Texas Instruments

  TNETA1585 Datasheet HTML 1Page - Texas Instruments TNETA1585 Datasheet HTML 2Page - Texas Instruments TNETA1585 Datasheet HTML 3Page - Texas Instruments TNETA1585 Datasheet HTML 4Page - Texas Instruments TNETA1585 Datasheet HTML 5Page - Texas Instruments TNETA1585 Datasheet HTML 6Page - Texas Instruments TNETA1585 Datasheet HTML 7Page - Texas Instruments TNETA1585 Datasheet HTML 8Page - Texas Instruments TNETA1585 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGF PACKAGE
( TOP VIEW )
PMDATA23
PMDATA22
GND
PMDATA21
PMDATA20
PMDATA19
VCC
PMDATA18
PMDATA17
PMDATA16
GND
PMDATA15
NC
PMDATA14
PMDATA13
VCC
NC
PMDATA12
PMDATA11
PMDATA10
GND
PMDATA9
PMDATA8
PMDATA7
VCC(5 V)
PMDATA6
PMDATA5
NC
PMDATA4
GND
PMDATA3
NC
PMDATA2
PMDATA1
VCC
PMDATA0
COPFULL
DAX
GND
TCCX
RCCX
RESET
VCC
INTR
TDI
TDO
TMS
TCK
GND
TRST
TESTMODE
VCC(5V)
CONFIG
RXDATA0
VCC
RXDATA1
NC
RXDATA2
GND
RXDATA3
NC
RXDATA4
RXDATA5
RXDATA6
VCC(5V)
RXDATA7
RXSOC
RXCLAV
RXEN
RXCLK
GND
NC
CLOCK
NC
SCSEL
NC
SCAD5
SCAD4
SCAD3
SCAD2
VCC
SCAD1
SCAD0
GND
SCWE
SCOE
SCDATA31
SCDATA30
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
NC – No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com