Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 25 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 21Page - Texas Instruments TNETA1585 Datasheet HTML 22Page - Texas Instruments TNETA1585 Datasheet HTML 23Page - Texas Instruments TNETA1585 Datasheet HTML 24Page - Texas Instruments TNETA1585 Datasheet HTML 25Page - Texas Instruments TNETA1585 Datasheet HTML 26Page - Texas Instruments TNETA1585 Datasheet HTML 27Page - Texas Instruments TNETA1585 Datasheet HTML 28Page - Texas Instruments TNETA1585 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 8)
slave interface – read operation
NO.
MIN
MAX
UNIT
1
tsu(SCAD)
Setup time, SCAD5–SCAD0 valid before CLOCK
↑
17
ns
2†
tsu(SCSEL)
Setup time, SCSEL low before CLOCK
↑
13
ns
3
tsu(SCWE)
Setup time, SCWE high before CLOCK
↑
6
ns
4†
tsu(SCOE)
Setup time, SCOE low before CLOCK
↑
13
ns
5
th(SCAD)
Hold time, SCAD5–SCAD0 valid after CLOCK
↑
1
ns
6‡
th(SCSEL)
Hold time, SCSEL low after CLOCK
↑
3
ns
7
th(SCWE)
Hold time, SCWE high after CLOCK
↑
1
ns
8‡
th(SCOE)
Hold time, SCOE low after CLOCK
↑
2
ns
† These measurements are taken with the data enabled 4 ns before the rising edge of the clock.
‡ These measurements are taken with the data disabled at the time of the rising edge of the clock.
operating characteristics over recommended operating conditions (see Figure 8)
slave interface – read operation
NO.
PARAMETER
MIN
MAX
UNIT
9
td(SCDATA)1
Delay time, from SCAD5–SCAD0 to SCDATA31–SCDATA0 valid
5
13
ns
10
td(SCDATA)2
Delay time, from SCSEL
↓ to SCDATA31–SCDATA0 enabled
3
10
ns
11
td(SCDATA)3
Delay time, from SCOE
↓ to SCDATA31–SCDATA0 enabled
4
11
ns
12
td(SCDATA)4
Delay time, from SCSEL
↑ to SCDATA31–SCDATA0 disabled
4
9
ns
13
td(SCDATA)5
Delay time, from SCOE
↑ to SCDATA31–SCDATA0 disabled
4
9
ns
SCDATA31–
SCDATA0
(output)
SCOE
(input)
SCSEL
(input)
Valid
SCAD5–
SCAD0
(input)
11
5
Valid
9
CLOCK
(input)
1
SCWE
(input)
4
10
2
8
13
6
12
7
3
Z
Z
Figure 8. Slave Interface – Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com