Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 8Page - Texas Instruments TNETA1585 Datasheet HTML 9Page - Texas Instruments TNETA1585 Datasheet HTML 10Page - Texas Instruments TNETA1585 Datasheet HTML 11Page - Texas Instruments TNETA1585 Datasheet HTML 12Page - Texas Instruments TNETA1585 Datasheet HTML 13Page - Texas Instruments TNETA1585 Datasheet HTML 14Page - Texas Instruments TNETA1585 Datasheet HTML 15Page - Texas Instruments TNETA1585 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitted-cell-indication interface (TCCX)
A single-bit interface allows the TNETA1575 to signal to the TNETA1585 that a cell will be transmitted on a
particular channel. This interface can be used to facilitate statistics processing in the TNETA1585 and to aid
in ATM Forum ABR scheduling. When the TNETA1575 determines that it has the data to send a cell, it
simultaneously sends an 18-bit frame to the TNETA1585 that is formatted as follows. The information reflected
by this interface confirms the information reflected in the next-cell register, if the TNETA1575 is transmitting a
TNETA1585 scheduled cell.
CHANNEL
NUMBER
CLP
INDICATOR
CELL TYPE
SCHEDULING
SOURCE
SEND
ACKNOWLEDGE
FRAMING
BIT
17–7
6
5–3
2
1
0
Bits 17–7 (channel number). These bits indicate which one of the 2K channels transmitted the last cell.
Bit 6 (CLP). This field contains the cell-loss-priority indication that was inserted in the outgoing cell’s header.
Bits 5–3 (cell type). This field indicates what type of cell was sent. This field, along with the CLP bit, indicates
the origin of the cell sent. Details are provided in Table 3.
Table 3. TCCX Cell-Type Definition
CLP
CELL TYPE
INDICATION
CLP
BIT 2
BIT 1
BIT 0
INDICATION
0
0
0
0
In-rate VC-level RM cell from RM-cell-contents FIFO A
0
0
0
1
In-rate VC-level RM cell from RM-cell-contents FIFO B
0
0
1
0
In-rate data cell
0
0
1
1
Reserved
0
1
0
0
In-rate VP-level RM cell from RM-cell-contents FIFO A
0
1
0
1
In-rate VP-level RM cell from RM-cell-contents FIFO B
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
Out-of-rate VC-level RM cell from RM-cell-contents
FIFO C
1
0
0
1
Out-of-rate VC-level RM cell from RM-cell-contents
FIFO D
1
0
1
0
Out-of-rate data cell
1
0
1
1
Reserved
1
1
0
0
Out-of-rate VP-level RM cell from RM-cell-contents
FIFO C
1
1
0
1
Out-of-rate VP-level RM cell from RM-cell-contents
FIFO D
1
1
1
0
Reserved
1
1
1
1
Reserved
Bit 2 (scheduling source). This bit indicates whether the cell was scheduled directly from the TNETA1575
scheduler table or if it was scheduled by the TNETA1585. This bit is encoded as follows:
BIT 2
INDICATION
0
Scheduler-table scheduled cell
1
TNETA1585 scheduled cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com