Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 5Page - Texas Instruments TNETA1585 Datasheet HTML 6Page - Texas Instruments TNETA1585 Datasheet HTML 7Page - Texas Instruments TNETA1585 Datasheet HTML 8Page - Texas Instruments TNETA1585 Datasheet HTML 9Page - Texas Instruments TNETA1585 Datasheet HTML 10Page - Texas Instruments TNETA1585 Datasheet HTML 11Page - Texas Instruments TNETA1585 Datasheet HTML 12Page - Texas Instruments TNETA1585 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
(next-cell register continued)
Bits 14–4 (channel number). This field contains the channel number that the cell(s) is sent on.
Bit 3 (CLP). This field contains the cell-loss-priority indication that the SAR should insert in the outgoing cell’s
header.
Bits 2–0 (cell type). This field indicates the source of cell(s) to be sent. Several options are available for outgoing
cells, and this field, along with the CLP bit, indicates where the cell should be obtained. If the cell type is an RM
cell, then the SAR must obtain the RM-cell payload from one of the RM-cell-contents FIFOs through the slave
interface. If the cell type is data, then the SAR must obtain data from its own transmit buffers. Details are
provided in Table 2:
Table 2. Next-Cell Register Cell-Type Definition
CLP
CELL TYPE
INDICATION
CLP
BIT 2
BIT 1
BIT 0
INDICATION
0
0
0
0
In-rate VC-level RM cell from RM-cell-contents FIFO A
0
0
0
1
In-rate VC-level RM cell from RM-cell-contents FIFO B
0
0
1
0
In-rate data cell
0
0
1
1
Reserved
0
1
0
0
In-rate VP-level RM cell from RM-cell-contents FIFO A
0
1
0
1
In-rate VP-level RM cell from RM-cell-contents FIFO B
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
Out-of-rate VC-level RM cell from RM-cell-contents
FIFO C
1
0
0
1
Out-of-rate VC-level RM cell from RM-cell-contents
FIFO D
1
0
1
0
Out-of-rate data cell
1
0
1
1
Reserved
1
1
0
0
Out-of-rate VP-level RM cell from RM-cell-contents
FIFO C
1
1
0
1
Out-of-rate VP-level RM cell from RM-cell-contents
FIFO D
1
1
1
0
Reserved
1
1
1
1
Reserved
If an RM cell is sent, the TNETA1575 reads the payload portion for the cell from the appropriate FIFO, using
12 sequential accesses to the associated control-memory location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com