Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 6Page - Texas Instruments TNETA1585 Datasheet HTML 7Page - Texas Instruments TNETA1585 Datasheet HTML 8Page - Texas Instruments TNETA1585 Datasheet HTML 9Page - Texas Instruments TNETA1585 Datasheet HTML 10Page - Texas Instruments TNETA1585 Datasheet HTML 11Page - Texas Instruments TNETA1585 Datasheet HTML 12Page - Texas Instruments TNETA1585 Datasheet HTML 13Page - Texas Instruments TNETA1585 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RM-cell-contents FIFO A
When the TNETA1575 reads the next-cell register and an indication is given that an RM cell should be sent from
the RM-cell-contents FIFO A, the TNETA1575 must make 12 accesses to control-memory location 10001h to
fetch one entire cell payload. The data that is returned by the TNETA1585 is in big-endian format as follows:
Byte 0 (31–24)
Byte 1 (23–16)
Byte 2 (15–8)
Byte 3 (7–0)
The ordering and formatting of data (as it is sequentially read from this register) is:
Word 0 – Bytes 0, 1, 2, 3
Word 1 – Bytes 0, 1, 2, 3
•
•
•
RM-cell-contents FIFO B
When the TNETA1575 reads the next-cell register and an indication is given that an RM cell should be sent from
the RM-cell-contents FIFO B, the TNETA1575 must make 12 accesses to control-memory location 10002h to
fetch one entire cell payload. The data that is returned by the TNETA1585 is in big-endian format as follows:
Byte 0 (31–24)
Byte 1 (23–16)
Byte 2 (15–8)
Byte 3 (7–0)
The ordering and formatting of data (as it is sequentially read from this register) is:
Word 0 – Bytes 0, 1, 2, 3
Word 1 – Bytes 0, 1, 2, 3
•
•
•
RM-cell-contents FIFO C
When the TNETA1575 reads the next-cell register and an indication is given that an RM cell should be sent from
the RM-cell-contents FIFO C, the TNETA1575 must make 12 accesses to control-memory location 10003h to
fetch one entire cell payload. The data that is returned by the TNETA1585 is in big-endian format as follows:
Byte 0 (31–24)
Byte 1 (23–16)
Byte 2 (15–8)
Byte 3 (7–0)
The ordering and formatting of data (as it is sequentially read from this register) is:
Word 0 – Bytes 0, 1, 2, 3
Word 1 – Bytes 0, 1, 2, 3
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com