Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 2Page - Texas Instruments TNETA1585 Datasheet HTML 3Page - Texas Instruments TNETA1585 Datasheet HTML 4Page - Texas Instruments TNETA1585 Datasheet HTML 5Page - Texas Instruments TNETA1585 Datasheet HTML 6Page - Texas Instruments TNETA1585 Datasheet HTML 7Page - Texas Instruments TNETA1585 Datasheet HTML 8Page - Texas Instruments TNETA1585 Datasheet HTML 9Page - Texas Instruments TNETA1585 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
boundary-scan interface
TERMINAL
RESET
NAME
NO.
PGF
NO.
PCM
I/O
RESET
STATE
DESCRIPTION
TCK
4
4
I (TTL)
I
Test clock. TCK is used to clock the test-access-port (TAP) operation.
TDI
1
1
I (TTL)
I
Test data input. TDI is used to shift serial test data and instruction into the device
during TAP operation.
TDO
2
2
O
(CMOS)
Hi-Z
Test data output. TDO is used to shift serial test data and instructions out of the
device during TAP operation.
TMS
3
3
I (TTL)
I
Test mode select. TMS is used to control the state of the TAP controller.
TRST
6
6
I (TTL)
I
Test reset. TRST asynchronously forces the TAP controller to a known state.
miscellaneous signals
TERMINAL
RESET
NAME
NO.
PGF
NO.
PCM
I/O
RESET
STATE
DESCRIPTION
CONFIG
9
9
I (TTL)
I
This terminal must be tied low during normal operation.
TESTMODE
7
7
I (TTL)
I
Test/normal mode. TESTMODE selects test mode when high and normal
operation when low.
power and ground
TERMINAL
NAME
NO.
PGF
NO.
PCM
DESCRIPTION
GND
5, 15, 27, 40,
50, 58, 67, 77,
84, 94, 103,
112, 122, 130,
138, 147, 156,
166, 174
5, 14, 25, 36,
46, 53, 61, 69,
76, 86, 94,
102, 110, 118,
126, 134, 142,
150, 158
Ground. GND is the 0-V reference for the device.
NC
13, 17, 28, 30,
32, 57, 61, 72,
76, 101, 105,
116, 120, 145,
149, 160, 164,
173, 175, 176
27, 157, 159,
160
No internal connection. NC terminals have no internal connections. For potential
functionality additions, it is recommended that these terminals not be connected to any
signal, power, or ground connection.
VCC
11, 37, 46, 63,
71, 90, 98,
117, 126, 142,
152, 161, 170
11, 33, 42, 57,
65, 82, 90,
106, 114, 130,
138, 146, 154
Supply voltage. VCC is the 3.3-V (with respect to GND) supply for the functional logic
gates.
VCC(5V)
8, 21, 54, 80,
108, 134
8, 19, 50, 72,
98, 122
Supply voltage. VCC(5 V) is the 5-V secondary supply voltage for the clamp diodes of
5-V tolerant input and output buffers. The clamp diodes provide protection for the
buffers in a 5-V switching environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com