Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1585 Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETA1585
Description  ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1585 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETA1585 Datasheet HTML 17Page - Texas Instruments TNETA1585 Datasheet HTML 18Page - Texas Instruments TNETA1585 Datasheet HTML 19Page - Texas Instruments TNETA1585 Datasheet HTML 20Page - Texas Instruments TNETA1585 Datasheet HTML 21Page - Texas Instruments TNETA1585 Datasheet HTML 22Page - Texas Instruments TNETA1585 Datasheet HTML 23Page - Texas Instruments TNETA1585 Datasheet HTML 24Page - Texas Instruments TNETA1585 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TNETA1585
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE
WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
SDNS041A – NOVEMBER 1996 – REVISED JULY 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Figure 4)
parameter-memory interface – write operation
NO.
PARAMETER
MIN
MAX
UNIT
1
td(PMAD)
Delay time, from CLOCK
↑ to PMAD15–PMAD0 valid
5
12
ns
2
td(PMDATA)
Delay time, from CLOCK
↑ to PMDATA31–PMDATA0 valid
5
12
ns
3
td(PMOE)
Delay time, from CLOCK
↑ to PMOE↑
5
13
ns
4
td(PMWE)1
Delay time, from CLOCK
↓ to PMWE↓
7
15
ns
5
td(PMWE)2
Delay time, from CLOCK
↓ to PMWE↑
7
15
ns
PMAD15–
PMAD0
(output)
PMOE
(output)
PMWE
(output)
PMDATA31–
PMDATA0
(output)
3
2
Valid
4
5
1
CLOCK
(input)
Valid
Z
Z
Figure 4. Parameter-Memory Interface – Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com